Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9260TS24I Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9260TS24I
Description  Dual Digitally-Controlled Potentiometers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9260TS24I Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9260TS24I Datasheet HTML 7Page - Intersil Corporation X9260TS24I Datasheet HTML 8Page - Intersil Corporation X9260TS24I Datasheet HTML 9Page - Intersil Corporation X9260TS24I Datasheet HTML 10Page - Intersil Corporation X9260TS24I Datasheet HTML 11Page - Intersil Corporation X9260TS24I Datasheet HTML 12Page - Intersil Corporation X9260TS24I Datasheet HTML 13Page - Intersil Corporation X9260TS24I Datasheet HTML 14Page - Intersil Corporation X9260TS24I Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
FN8170.3
August 29, 2006
Table 5. Instruction Set
Note:
1/0 = data is one or zero
Instruction
Instruction Set
Operation
I3
I2
I1
I0
RB RA
0
P0
Read Wiper Counter
Register
1
0
0
1
0
0
0
1/0 Read the contents of the Wiper Counter
Register pointed to by P0
Write Wiper Counter
Register
1
0
1
0
0
0
0
1/0 Write new value to the Wiper Counter
Register pointed to by P0
Read Data Register
1
0
1
1
1/0
1/0
0
1/0 Read the contents of the Data Register
pointed to by P0 and RB - RA
Write Data Register
1
1
0
0
1/0
1/0
0
1/0 Write new value to the Data Register
pointed to by P0 and RB - RA
XFR Data Register to
Wiper Counter Register
1
1
0
1
1/0
1/0
0
1/0 Transfer the contents of the Data Register
pointed to by P0 and RB - RA to its
associated Wiper Counter Register
XFR Wiper Counter
Register to Data Register
1
1
1
0
1/0
1/0
0
1/0 Transfer the contents of the Wiper Counter
Register pointed to by P0 to the Data
Register pointed to by RB - RA
Global XFR Data Registers
to Wiper Counter Registers
0
0
0
1
1/0
1/0
0
0
Transfer the contents of the Data Registers
pointed to by RB - RA of all four pots to their
respective Wiper Counter Registers
Global XFR Wiper Counter
Registers to Data Register
1
0
0
0
1/0
1/0
0
0
Transfer the contents of both Wiper Counter
Registers to their respective data Registers
pointed to by RB - RA of all four pots
Increment/Decrement
Wiper Counter Register
0
0
1
0
0
0
0
1/0 Enable Increment/decrement of the Control
Latch pointed to by P0
X9260


Similar Part No. - X9260TS24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9260TS24I INTERSIL-X9260TS24I Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
logo
Renesas Technology Corp
X9260TS24I RENESAS-X9260TS24I Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
X9260TS24I-2.7 RENESAS-X9260TS24I-2.7 Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
logo
Intersil Corporation
X9260TS24I-27 INTERSIL-X9260TS24I-27 Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
logo
Renesas Technology Corp
X9260TS24IZ RENESAS-X9260TS24IZ Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
More results

Similar Description - X9260TS24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com