Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5083V8I Datasheet(PDF) 6 Page - Intersil Corporation

Part # X5083V8I
Description  CPU Supervisor with 8Kbit SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5083V8I Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X5083V8I Datasheet HTML 2Page - Intersil Corporation X5083V8I Datasheet HTML 3Page - Intersil Corporation X5083V8I Datasheet HTML 4Page - Intersil Corporation X5083V8I Datasheet HTML 5Page - Intersil Corporation X5083V8I Datasheet HTML 6Page - Intersil Corporation X5083V8I Datasheet HTML 7Page - Intersil Corporation X5083V8I Datasheet HTML 8Page - Intersil Corporation X5083V8I Datasheet HTML 9Page - Intersil Corporation X5083V8I Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN8127.3
June 15, 2006
01 2 3 4 5 67
SCK
SI
CS
06h
01 2 3 4 5 67 8 9 10
20 21 22 23
16 Bits
0001h
02h
WP
VP = 15-18V
00h
WREN
Write
Address
Data
FIGURE 1. SET VTRIP LEVEL SEQUENCE (VCC = DESIRED VTRIP VALUE)
01 2 3 4 5 67
SCK
SI
CS
06h
01 2 3 4 5 67 8 9 10
20 21 22 23
16 Bits
0003h
02h
WP
VP = 15-18V
00h
WREN
Write
Address
Data
FIGURE 2. RESET VTRIP LEVEL SEQUENCE (VCC > 3V. WP = 15-18V)
1
2
3
4
8
7
6
5
X5083
VTRIP
Adj.
VP
RESET
4.7K
SI
SO
CS
SCK
µC
Adjust
Run
FIGURE 3. SAMPLE VTRIP RESET CIRCUIT
X5083


Similar Part No. - X5083V8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5083V8I INTERSIL-X5083V8I Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5083V8I-2.7 INTERSIL-X5083V8I-2.7 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5083V8I-2.7A INTERSIL-X5083V8I-2.7A Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5083V8I-4.5A INTERSIL-X5083V8I-4.5A Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
logo
Renesas Technology Corp
X5083V8IZ RENESAS-X5083V8IZ Datasheet
853Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
More results

Similar Description - X5083V8I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5083 XICOR-X5083 Datasheet
115Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
logo
Renesas Technology Corp
X5083 RENESAS-X5083 Datasheet
853Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
   CPU Supervisor with 64Kbit SPI EEPROM
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com