Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9116WM8Z-2.7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9116WM8Z-2.7
Description  Digitally Controlled Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9116WM8Z-2.7 Datasheet(HTML) 1 Page - Intersil Corporation

  X9116WM8Z-2.7 Datasheet HTML 1Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 2Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN8160.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9116
Low Noise, Low Power, Low Cost
Digitally Controlled Potentiometer
(XDCP™)
The Intersil X9116 is a digitally controlled nonvolatile
potentiometer designed to be used in trimmer applications.
The pot consists of 15 equal resistor segments that connect
to the wiper pin through programmable CMOS switches. The
tap position is programmed through a 3-wire up/down serial
port. The last position of the wiper is stored in a nonvolatile
memory location which is recalled at the time of power up of
the device.
The wiper moves through sequential tap positions with
inputs on the serial port. A falling edge on INC (bar) causes
the tap position to increment one position up or down based
on whether the U/D (bar) pin is held high or low.
The X9116 can be used in many applications requiring a
variable resistance. In many cases it can replace a
mechanical trimmer and offers many advantages such as
temperature and time stability as well as the reliability of a
solid state solution.
Features
• Solid-state nonvolatile
• 16 wiper taps
• 3-wire up/down serial interface
•VCC = 2.7V and 5V
• Active current < 50µA max.
• Standby current < 1µA max.
•RTOTAL = 10kΩ
• Packages: 8LdMSOP, 8LdSOIC
• Pb-free plus anneal available (RoHS compliant)
Pinout
Block Diagram
VH/RH
VCC
INC
U/D
1
2
3
4
8
7
6
5
X9116
SOIC/MSOP
VSS
CS
VL/RL
VW/RW
Control
and
Memory
Up/Down
(U/D)
Increment
(INC)
Device Select
(CS)
VCC (Supply Voltage)
VSS (Ground)
RH/VH
RW/VW
RL/VL
General
RL
RH
0
1
2
3
*
13
14
15
RW-RL Resistance
10k
Ω
9.34k
Ω
8.68k
Ω
* k
Ω
2.08k
Ω
1.42k
Ω
760
Ω
100
Ω
Data Sheet
September 26, 2006


Similar Part No. - X9116WM8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9116WM8Z-2.7 INTERSIL-X9116WM8Z-2.7 Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
X9116WM8Z-2.7 INTERSIL-X9116WM8Z-2.7 Datasheet
364Kb / 9P
   Digitally Controlled Potentiometer
X9116WM8Z-2.7 INTERSIL-X9116WM8Z-2.7 Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
logo
Renesas Technology Corp
X9116WM8Z-2.7 RENESAS-X9116WM8Z-2.7 Datasheet
473Kb / 9P
   Low Noise, Low Power, Low Cost Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9116WM8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com