Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9260US24 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9260US24
Description  Dual Digitally-Controlled Potentiometers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9260US24 Datasheet(HTML) 3 Page - Intersil Corporation

  X9260US24 Datasheet HTML 1Page - Intersil Corporation X9260US24 Datasheet HTML 2Page - Intersil Corporation X9260US24 Datasheet HTML 3Page - Intersil Corporation X9260US24 Datasheet HTML 4Page - Intersil Corporation X9260US24 Datasheet HTML 5Page - Intersil Corporation X9260US24 Datasheet HTML 6Page - Intersil Corporation X9260US24 Datasheet HTML 7Page - Intersil Corporation X9260US24 Datasheet HTML 8Page - Intersil Corporation X9260US24 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
FN8170.3
August 29, 2006
CIRCUIT LEVEL APPLICATIONS
• Vary the gain of a voltage amplifier
• Provide programmable dc reference voltages for
comparators and detectors
• Control the volume in audio circuits
• Trim out the offset voltage error in a voltage
amplifier circuit
• Set the output voltage of a voltage regulator
• Trim the resistance in Wheatstone bridge circuits
• Control the gain, characteristic frequency and
Q-factor in filter circuits
• Set the scale factor and zero point in sensor signal
conditioning circuits
• Vary the frequency and duty cycle of timer ICs
• Vary the dc biasing of a pin diode attenuator in RF
circuits
• Provide a control variable (I, V, or R) in feedback
circuits
SYSTEM LEVEL APPLICATIONS
• Adjust the contrast in LCD displays
• Control the power level of LED transmitters in
communication systems
• Set and regulate the DC biasing point in an RF
power amplifier in wireless systems
• Control the gain in audio and home entertainment
systems
• Provide the variable DC bias for tuners in RF
wireless systems
• Set the operating points in temperature control
systems
• Control the operating point for sensors in industrial
systems
• Trim offset and gain errors in artificial intelligent
systems
PIN CONFIGURATION
SO
A0
NC
V+
VCC
RL0
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
HOLD
SCK
NC
NC
NC
V-
VSS
RW1
RH1
RL1
SOIC
X9260
NC
14
13
11
12
NC
RH0
RW0
CS
A1
SI
WP
X9260


Similar Part No. - X9260US24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9260US24 INTERSIL-X9260US24 Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
logo
Renesas Technology Corp
X9260US24 RENESAS-X9260US24 Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
X9260US24-2.7 RENESAS-X9260US24-2.7 Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
logo
Intersil Corporation
X9260US24-27 INTERSIL-X9260US24-27 Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
X9260US24I INTERSIL-X9260US24I Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
More results

Similar Description - X9260US24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com