Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9261UV24Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9261UV24Z
Description  Dual Digitally-Controlled Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9261UV24Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9261UV24Z Datasheet HTML 5Page - Intersil Corporation X9261UV24Z Datasheet HTML 6Page - Intersil Corporation X9261UV24Z Datasheet HTML 7Page - Intersil Corporation X9261UV24Z Datasheet HTML 8Page - Intersil Corporation X9261UV24Z Datasheet HTML 9Page - Intersil Corporation X9261UV24Z Datasheet HTML 10Page - Intersil Corporation X9261UV24Z Datasheet HTML 11Page - Intersil Corporation X9261UV24Z Datasheet HTML 12Page - Intersil Corporation X9261UV24Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN8171.4
October 12, 2006
Figure 5. Three-Byte Instruction Sequence (Read Status Register)
Figure 6. Increment/Decrement Instruction Sequence
Figure 7. Increment/Decrement Timing Limits
WIP
Status
Bit
0
101
A1 A0
I3
I2
I1 I0
RB RA
P0
SCL
SI
CS
00
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
Pot/WCR
Address
00
0
0
0
00
00
10
1
1
0
01
0
1
A1 A0
I3
I2
I1 I0
RB RA
P0
SCL
SI
CS
00
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
Pot/WCR
Address
00
I
N
C
1
I
N
C
2
I
N
C
n
D
E
C
1
D
E
C
n
0
SCK
SI
RW
INC/DEC CMD ISSUED
tWRID
VOLTAGE OUT
X9261


Similar Part No. - X9261UV24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9261UV24Z INTERSIL-X9261UV24Z Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261UV24Z RENESAS-X9261UV24Z Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9261UV24Z-2.7 INTERSIL-X9261UV24Z-2.7 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
More results

Similar Description - X9261UV24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com