Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9319WP8 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9319WP8
Description  Digitally Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9319WP8 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9319WP8 Datasheet HTML 2Page - Intersil Corporation X9319WP8 Datasheet HTML 3Page - Intersil Corporation X9319WP8 Datasheet HTML 4Page - Intersil Corporation X9319WP8 Datasheet HTML 5Page - Intersil Corporation X9319WP8 Datasheet HTML 6Page - Intersil Corporation X9319WP8 Datasheet HTML 7Page - Intersil Corporation X9319WP8 Datasheet HTML 8Page - Intersil Corporation X9319WP8 Datasheet HTML 9Page - Intersil Corporation X9319WP8 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN8185.2
September 26, 2006
APPLICATIONS INFORMATION
Electronic digitally controlled (XDCP) potentiometers provide three powerful application advantages; (1) the variability
and reliability of a solid-state potentiometer, (2) the flexibility of computer-based digital controls, and (3) the retentivity
of nonvolatile memory used for the storage of multiple potentiometer settings or data.
Basic Configurations of Electronic Potentiometers
Basic Circuits
VREF
RW
VREF
I
Three terminal potentiometer;
variable voltage divider
Two terminal variable resistor;
variable current
RH
RL
Cascading Techniques
Buffered Reference Voltage
+
+5V
R1
+V
VREF
VOUT
LMC7101
RW
RW
+V
+V
+V
X
(a)
(b)
VOUT = VW/RW
Single Supply Inverting Amplifier
Voltage Regulator
R1
R2
Iadj
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
VO (REG)
VIN
317
Offset Voltage Adjustment
+
VS
VO
R2
R1
100k
Ω
10k
Ω
10k
Ω
10k
Ω
+15V
LMC7101
Comparator with Hysteresis
VUL = {R1/(R1+R2)} VO(max)
VLL = {R1/(R1+R2)} VO(min)
+
R1
VO
LMC7101
+
VS
VO
R2
R1
LT311A
(for additional circuits see AN115)
+12V
R2
+8V
100K
100K
+10V
VS
VO = (R2/R1)VS
RW
X9319


Similar Part No. - X9319WP8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9319WP8 XICOR-X9319WP8 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9319WP8 INTERSIL-X9319WP8 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
logo
Xicor Inc.
X9319WP8I XICOR-X9319WP8I Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9319WP8I INTERSIL-X9319WP8I Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
More results

Similar Description - X9319WP8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com