Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9401 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9401
Description  Quad, 64 Tap, Digitally Controlled Potentiometer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9401 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9401_06 Datasheet HTML 7Page - Intersil Corporation X9401_06 Datasheet HTML 8Page - Intersil Corporation X9401_06 Datasheet HTML 9Page - Intersil Corporation X9401_06 Datasheet HTML 10Page - Intersil Corporation X9401_06 Datasheet HTML 11Page - Intersil Corporation X9401_06 Datasheet HTML 12Page - Intersil Corporation X9401_06 Datasheet HTML 13Page - Intersil Corporation X9401_06 Datasheet HTML 14Page - Intersil Corporation X9401_06 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN8190.3
October 12, 2006
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
ENDURANCE AND DATA RETENTION
CAPACITANCE
POWER-UP TIMING
A.C. TEST CONDITIONS
Notes: (4) This parameter is periodically sampled and not 100%
tested
(5) tPUR and tPUW are the delays required from the time
the (last) power supply (VCC-) is stable until the specific
instruction can be issued. These parameters are period-
ically sampled and not 100% tested.
(6) This is not a tested or guaranteed parameter and should
be used only as a guideline.
EQUIVALENT A.C. LOAD CIRCUIT
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
ICC1
VCC supply current (active)
400
µA
fSCK = 2MHz, SO = Open,
Other Inputs = VSS
ICC2
VCC supply current (nonvola-
tile write)
1mA
fSCK = 2MHz, SO = Open,
Other Inputs = VSS
ISB
VCC current (standby)
1
µA
SCK = SI = VSS, Addr. = VSS,
CS = VCC
ILI
Input leakage current
10
µA
VIN = VSS to VCC
ILO
Output leakage current
10
µA
VOUT = VSS to VCC
VIH
Input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VIL
Input LOW voltage
-0.5
VCC x 0.1
V
VOL
Output LOW voltage
0.4
V
IOL = 3mA
Parameter
Min.
Unit
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
years
Symbol
Test
Max.
Unit
Test Condition
COUT(4)
Output capacitance (SO)
8
pF
VOUT = 0V
CIN(4)
Input capacitance (A0, A1, SI, and SCK)
6
pF
VIN = 0V
Symbol
Parameter
Min.
Max.
Unit
tr VCC(6)
VCC Power-up rate
0.2
50
V/ms
tPUR(5)
Power-up to initiation of read operation
1
ms
tPUW(5)
Power-up to initiation of write operation
5
ms
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x 0.5
5V
1533
Ω
100pF
SDA
Output
RH
10pF
CL
CL
RW
RTOTAL
CW
25pF
10pF
RL
SPICE Macro Model
X9401


Similar Part No. - X9401_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401 INTERSIL-X9401_09 Datasheet
346Kb / 18P
   Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9401_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
X9401 INTERSIL-X9401_09 Datasheet
346Kb / 18P
   Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
X9252YV24IZ-2.7 INTERSIL-X9252YV24IZ-2.7 Datasheet
445Kb / 19P
   Quad Digitally-Controlled Potentiometer
July 24, 2014
logo
Renesas Technology Corp
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL22449 INTERSIL-ISL22449 Datasheet
356Kb / 12P
   Quad Digitally Controlled Potentiometer
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com