Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X93256UV14IZ-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X93256UV14IZ-2.7
Description  Dual Digitally Controlled Potentiometers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X93256UV14IZ-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X93256UV14IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X93256UV14IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X93256UV14IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X93256UV14IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X93256UV14IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X93256UV14IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X93256UV14IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X93256UV14IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X93256UV14IZ-2.7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN8188.1
March 24, 2006
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65
°C to +135°C
Storage temperature ......................... -65°C to +150°C
Voltage on CS, INC, U/D, RH, RL and VCC
with respect to VSS .............................. -1V to +6.5V
Lead temperature (soldering 10 seconds) ......... 300°C
Maximum reflow temperature (40 seconds) ...... 240°C
Maximum resistor current ..................................... 2mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; the functional operation of
the device (at these or any other conditions above
those listed in the operational sections of this
specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
POTENTIOMETER CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = (VH(n)(actual) - VH(n)(expected)) =
±1 Ml Maximum. n = 1 .. 29 only.
(2) Relative linearity is a measure of the error in step size between taps = VH(n+1) - [VH(n) + Ml] = ±0.5 Ml, n = 1 .. 29 only.
(3) 1 Ml = Minimum Increment = RTOT/31.
(4) Typical values are for TA = 25°C and nominal supply voltage.
(5) This parameter only applies to a single potentiometer.
(6) Typical parameter is guaranteed by characterization.
(7) When performing multiple write operations, VCC must not decrease by more than 150mV from it’s initial value.
Symbol
Parameter
Limits
Test Conditions/Notes
Min.
Typ.
Max.
Unit
RTOT
End to end resistance
9.375
12.5
15.625
k
W option (5)
37.5
50
62.5
k
U option (5)
VR
RH, RL terminal voltages
0VCC
V
(5)
Power rating
1mW(7)
RTOTAL = 50kΩ
(5) (6)
Noise
-120
dBV(7)
Ref: 1kHz (5) (6)
RW
Wiper Resistance
1100
(5) (6)
IW
Wiper Current
0.6
mA
(5) (6)
Resolution
3%
(5)
Absolute linearity(1)
±1
MI(3)
VH(n)(actual) - VH(n)(expected)
(5)
Relative linearity(2)
±0.5
MI(3)
VH(n+1) - [VH(n) + MI]
(5)
RTOTAL temperature coefficient
±35
ppm/°C (5) (6)
CH/CL/CW
Potentiometer capacitances
10/10/25
pF(6)
See circuit #2 (5)
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Industrial
-40
°C+85°C
Supply Voltage (VCC)
Limits
X93256
2.7V
± 5.5%(7)
X93256


Similar Part No. - X93256UV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93256UV14IZ-2.7 INTERSIL-X93256UV14IZ-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Renesas Technology Corp
X93256UV14IZ-2.7 RENESAS-X93256UV14IZ-2.7 Datasheet
410Kb / 7P
   Dual Digitally Controlled Potentiometers (XDCPs™)
February 1, 2008
More results

Similar Description - X93256UV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com