Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9409WS24I-2.7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9409WS24I-2.7
Description  Quad Digitally Controlled Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9409WS24I-2.7 Datasheet(HTML) 2 Page - Intersil Corporation

  X9409WS24I-2.7 Datasheet HTML 1Page - Intersil Corporation X9409WS24I-2.7 Datasheet HTML 2Page - Intersil Corporation X9409WS24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9409WS24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9409WS24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9409WS24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9409WS24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9409WS24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9409WS24I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FN8192.4
October 12, 2006
PIN DESCRIPTIONS
Host Interface Pins
Serial Clock (SCL)
The SCL input is used to clock data into and out of the
X9409.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into
and out of the device. It is an open drain output and
may be wire-ORed with any number of open drain or
open collector outputs. An open drain output requires
the use of a pull-up resistor. For selecting typical
values, refer to the guidelines for calculating typical
values on the bus pull-up resistors graph.
Device Address (A0 - A3)
The address inputs are used to set the least significant
4 bits of the 8-bit slave address. A match in the slave
address serial data stream must be made with the
address input in order to initiate communication with
the X9409. A maximum of 16 devices may occupy the
2-wire serial bus.
Potentiometer Pins
VH0/RH0 - VH3/RH3, VL0/RL0 - VL3/RL3
The VH/RH and VL/RL inputs are equivalent to the
terminal connections on either end of a mechanical
potentiometer.
VW0/RW0 - VW3/RW3
The wiper outputs are equivalent to the wiper output of
a mechanical potentiometer.
Hardware Write Protect Input (WP)
The WP pin when low prevents nonvolatile writes to
the Data Registers.
PIN NAMES
Ordering Information
PART NUMBER
PART MARKING
VCC LIMITS
(V)
POTENTIOMETER
ORGANIZATION
(k
Ω)
TEMP
RANGE
(°C)
PACKAGE
PKG.
DWG. #
X9409WS24I-2.7*
X9409WS G
2.7 to 5.5
10
-40 to 85
24 Ld SOIC (300 mil)
M24.3
X9409WS24IZ-2.7* (Note) X9409WS ZG
-40 to 85
24 Ld SOIC (300 mil) (Pb-free)
MDP0027
X9409WV24-2.7
X9409WV F
0 to 70
24 Ld TSSOP (4.4mm)
MDP0044
X9409WV24Z-2.7 (Note)
X9409WV ZF
0 to 70
24 Ld TSSOP (4.4mm) (Pb-free) MDP0044
X9409WV24I-2.7*
X9409WV G
-40 to 85
24 Ld TSSOP (4.4mm)
MDP0044
X9409WV24IZ-2.7* (Note) X9409WV ZG
-40 to 85
24 Ld TSSOP (4.4mm) (Pb-free) MDP0044
*Add "T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Symbol
Description
SCL
Serial Clock
SDA
Serial Data
A0-A3
Device Address
VH0/RH0 - VH3/RH3,
VL0/RL0 - VL3/RL3
Potentiometer Pin
(terminal equivalent)
VW0/RW0 - VW3/RW3
Potentiometer Pin
(wiper equivalent)
WP
Hardware Write Protection
VCC
System Supply Voltage
VSS
System Ground (Digital)
NC
No Connection
X9409


Similar Part No. - X9409WS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9409WS24I-2.7 XICOR-X9409WS24I-2.7 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9409WS24I-2.7 INTERSIL-X9409WS24I-2.7 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
More results

Similar Description - X9409WS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com