Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5163S8IZ-2.7A Datasheet(PDF) 4 Page - Intersil Corporation

Part # X5163S8IZ-2.7A
Description  CPU Supervisor with 16Kbit SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5163S8IZ-2.7A Datasheet(HTML) 4 Page - Intersil Corporation

  X5163S8IZ-2.7A Datasheet HTML 1Page - Intersil Corporation X5163S8IZ-2.7A Datasheet HTML 2Page - Intersil Corporation X5163S8IZ-2.7A Datasheet HTML 3Page - Intersil Corporation X5163S8IZ-2.7A Datasheet HTML 4Page - Intersil Corporation X5163S8IZ-2.7A Datasheet HTML 5Page - Intersil Corporation X5163S8IZ-2.7A Datasheet HTML 6Page - Intersil Corporation X5163S8IZ-2.7A Datasheet HTML 7Page - Intersil Corporation X5163S8IZ-2.7A Datasheet HTML 8Page - Intersil Corporation X5163S8IZ-2.7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN8128.3
June 1, 2006
Block Diagram
Watchdog
Timer Reset
Data
Register
Command
Decode &
Control
Logic
SI
SO
SCK
CS/WDI
VCC
Reset &
Watchdog
Timebase
Power-on and
Generation
VTRIP
+
-
RESET/RESET
Reset
Low Voltage
Status
Register
Protect Logic
4K Bits
4K Bits
8K Bits
Watchdog Transition
Detector
WP
X5163 = RESET
X5165 = RESET
VCC Threshold
Reset Logic
Pin Description
PIN
(SOIC/PDIP)
PIN TSSOP
NAME
FUNCTION
1
1
CS/WDI
Chip Select Input. CS HIGH, deselects the device and the SO output pin is at a high impedance
state. Unless a nonvolatile write cycle is underway, the device will be in the standby power mode.
CS LOW enables the device, placing it in the active power mode. Prior to the start of any
operation after power-up, a HIGH to LOW transition on CS is required Watchdog Input. A HIGH
to LOW transition on the WDI pin restarts the Watchdog timer. The absence of a HIGH to LOW
transition within the watchdog time out period results in RESET/RESET going active.
22
SO
Serial Output. SO is a push/pull serial data output pin. A read cycle shifts data out on this pin. The
falling edge of the serial clock (SCK) clocks the data out.
36
WP
Write Protect. The WP pin works in conjunction with a nonvolatile WPEN bit to “lock” the setting
of the Watchdog Timer control and the memory write protect bits.
47
VSS
Ground
58
SI
Serial Input. SI is a serial data input pin. Input all opcodes, byte addresses, and memory data on this
pin. The rising edge of the serial clock (SCK) latches the input data. Send all opcodes (Table 1),
addresses and data MSB first.
69
SCK
Serial Clock. The Serial Clock controls the serial bus timing for data input and output. The rising edge
of SCK latches in the opcode, address, or data bits present on the SI pin. The falling edge of SCK
changes the data output on the SO pin.
7
13
RESET/
RESET
Reset Output. RESET/RESET is an active LOW/HIGH, open drain output which goes active
whenever VCC falls below the minimum VCC sense level. It will remain active until VCC rises above
the minimum VCC sense level for 200ms. RESET/RESET goes active if the Watchdog Timer is
enabled and CS remains either HIGH or LOW longer than the selectable Watchdog time out
period. A falling edge of CS will reset the Watchdog Timer. RESET/RESET goes active on power-
up at 1V and remains active for 200ms after the power supply stabilizes.
814
VCC
Supply Voltage
3-5,10-12
NC
No internal connections
X5163, X5165


Similar Part No. - X5163S8IZ-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5163S8IZ-2.7A INTERSIL-X5163S8IZ-2.7A Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5163S8IZ-2.7A RENESAS-X5163S8IZ-2.7A Datasheet
871Kb / 22P
   CPU Supervisor with 16Kbit SPI EEPROM
More results

Similar Description - X5163S8IZ-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5163 XICOR-X5163 Datasheet
117Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5165S8IZ INTERSIL-X5165S8IZ Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5168 RENESAS-X5168 Datasheet
811Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163 Datasheet
365Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM Description
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com