Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9455 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9455
Description  Dual Two-wiper Digitally-Controlled Potentiometer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9455 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9455_06 Datasheet HTML 7Page - Intersil Corporation X9455_06 Datasheet HTML 8Page - Intersil Corporation X9455_06 Datasheet HTML 9Page - Intersil Corporation X9455_06 Datasheet HTML 10Page - Intersil Corporation X9455_06 Datasheet HTML 11Page - Intersil Corporation X9455_06 Datasheet HTML 12Page - Intersil Corporation X9455_06 Datasheet HTML 13Page - Intersil Corporation X9455_06 Datasheet HTML 14Page - Intersil Corporation X9455_06 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN8202.1
July 28, 2006
2-Wire serial interface
Protocol Overview
The device supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data onto the
bus as a transmitter, and the receiving device as the
receiver. The device controlling the transfer is called the
master and the device being controlled is called the slave.
The master always initiates data transfers, and provides the
clock for both transmit and receive operations. The X9455
operates as a slave in all applications.
All 2-wire interface operations must begin with a START,
followed by a Slave Address byte. The Slave Address
selects the X9455, and specifies if a Read or Write operation
is to be performed.
All Communication over the 2-wire interface is conducted by
sending the MSB of each byte of data first.
Serial Clock and Data
Data states on the SDA line can change only while SCL is
LOW. SDA state changes while SCL is HIGH are reserved
for indicating START and STOP conditions (See Figure 2).
On power up of the X9455, the SDA pin is in the input mode.
Serial Start Condition
All commands are preceded by the START condition, which
is a HIGH to LOW transition of SDA while SCL is HIGH. The
device continuously monitors the SDA and SCL lines for the
START condition and does not respond to any command
until this condition has been met (See Figure 2).
Serial Stop Condition
All communications must be terminated by a STOP
condition, which is a LOW to HIGH transition of SDA while
SCL is HIGH. The STOP condition is also used to place the
device into the Standby power mode after a read sequence.
A STOP condition can only be issued after the transmitting
device has released the bus (See Figure 2).
Serial Acknowledge
An ACK (Acknowledge), is a software convention used to
indicate a successful data transfer. The transmitting device,
either master or slave, releases the bus after transmitting
eight bits. During the ninth clock cycle, the receiver pulls the
SDA line LOW to acknowledge the reception of the eight bits
of data (See Figure 3).
The device responds with an ACK after recognition of a
START condition followed by a valid Slave Address byte. A
valid Slave Address byte must contain the Device Type
Identifier 0101, and the Device Address bits matching the
logic state of pins A2, A1, and A0 (See Figure 4).
If a write operation is selected, the device responds with an
ACK after the receipt of each subsequent eight-bit word.
In the read mode, the device transmits eight bits of data,
releases the SDA line, and then monitors the line for an
ACK. The device continues transmitting data if an ACK is
detected. The device terminates further data transmissions if
an ACK is not detected. The master must then issue a STOP
condition to place the device into a known state.
SDA
SCL
START
DATA
DATA
STOP
STABLE
CHANGE
DATA
STABLE
FIGURE 2. VALID DATA CHANGES, START, AND STOP CONDITIONS
SDA Output from
Transmitter
SDA Output from
Receiver
8
1
9
START
ACK
SCL from Master
FIGURE 3. ACKNOWLEDGE RESPONSE FROM RECEIVER
X9455


Similar Part No. - X9455_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9455TV24-2.7 INTERSIL-X9455TV24-2.7 Datasheet
372Kb / 18P
   Dual Two-wiper Digitally-Controlled (XDCP) Potentiometer
X9455TV24I-2.7 INTERSIL-X9455TV24I-2.7 Datasheet
372Kb / 18P
   Dual Two-wiper Digitally-Controlled (XDCP) Potentiometer
logo
Renesas Technology Corp
X9455TV24I-2.7 RENESAS-X9455TV24I-2.7 Datasheet
787Kb / 19P
   Dual Two-wiper Digitally-Controlled (XDCP?? Potentiometer
X9455TV24IZ-2.7 RENESAS-X9455TV24IZ-2.7 Datasheet
787Kb / 19P
   Dual Two-wiper Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9455UV24-2.7 INTERSIL-X9455UV24-2.7 Datasheet
372Kb / 18P
   Dual Two-wiper Digitally-Controlled (XDCP) Potentiometer
More results

Similar Description - X9455_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9455 INTERSIL-X9455 Datasheet
372Kb / 18P
   Dual Two-wiper Digitally-Controlled (XDCP) Potentiometer
logo
Renesas Technology Corp
X9455 RENESAS-X9455 Datasheet
787Kb / 19P
   Dual Two-wiper Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com