Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9410WS24I Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9410WS24I
Description  Dual Digitally Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9410WS24I Datasheet(HTML) 4 Page - Intersil Corporation

  X9410WS24I Datasheet HTML 1Page - Intersil Corporation X9410WS24I Datasheet HTML 2Page - Intersil Corporation X9410WS24I Datasheet HTML 3Page - Intersil Corporation X9410WS24I Datasheet HTML 4Page - Intersil Corporation X9410WS24I Datasheet HTML 5Page - Intersil Corporation X9410WS24I Datasheet HTML 6Page - Intersil Corporation X9410WS24I Datasheet HTML 7Page - Intersil Corporation X9410WS24I Datasheet HTML 8Page - Intersil Corporation X9410WS24I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN8193.2
October 12, 2006
Wiper Counter Register (WCR)
The X9410 contains two Wiper Counter Registers, one
for each XDCP potentiometer. The WCR is equivalent
to a serial-in, parallel-out register/counter with its
outputs decoded to select one of sixty-four switches
along its resistor array. The contents of the WCR can
be altered in four ways: it may be written directly by the
host via the Write Wiper Counter Register instruction
(serial load); it may be written indirectly by transferring
the contents of one of four associated Data Registers
via the XFR Data Register or Global XFR Data Register
instructions (parallel load); it can be modified one step
at a time by the Increment/ Decrement instruction.
Finally, it is loaded with the contents of its Data Register
zero (DR0) upon power-up.
The Wiper Counter Register is a volatile register; that
is, its contents are lost when the X9410 is powered-
down. Although the register is automatically loaded
with the value in DR0 upon power-up, this may be
different from the value present at power-down.
Data Registers
Each potentiometer has four 6-bit nonvolatile Data
Registers. These can be read or written directly by the
host. Data can also be transferred between any of the
four Data Registers and the associated Wiper Counter
Register. All operations changing data in one of the
Data Registers is a nonvolatile operation and will take
a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can
be used as regular memory locations for system
parameters or user preference data.
Data Register Detail
Figure 1. Detailed Potentiometer Block Diagram
(MSB)
(LSB)
D5
D4
D3
D2
D1
D0
NV
NV
NV
NV
NV
NV
Serial Data Path
From Interface
Circuitry
Register 0
Register 1
Register 2
Register 3
Serial
Bus
Input
Parallel
Bus
Input
Wiper
Counter
Register
INC/DEC
Logic
UP/DN
CLK
Modified SCL
UP/DN
VH/RH
VL/RL
VW/RW
If WCR = 00[H] then VW/RW = VL/RL
If WCR = 3F[H] then VW/RW = VH/RH
8
6
C
o
u
n
t
e
r
D
e
c
o
d
e
(WCR)
(One of Two Arrays)
X9410


Similar Part No. - X9410WS24I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9410WS24I XICOR-X9410WS24I Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9410WS24I INTERSIL-X9410WS24I Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
logo
Renesas Technology Corp
X9410WS24I RENESAS-X9410WS24I Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Xicor Inc.
X9410WS24I-2.7 XICOR-X9410WS24I-2.7 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9410WS24I-2.7 INTERSIL-X9410WS24I-2.7 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
More results

Similar Description - X9410WS24I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com