Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9455TV24I-2.7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9455TV24I-2.7
Description  Dual Two-wiper Digitally-Controlled Potentiometer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9455TV24I-2.7 Datasheet(HTML) 3 Page - Intersil Corporation

  X9455TV24I-2.7 Datasheet HTML 1Page - Intersil Corporation X9455TV24I-2.7 Datasheet HTML 2Page - Intersil Corporation X9455TV24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9455TV24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9455TV24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9455TV24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9455TV24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9455TV24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9455TV24I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
FN8202.1
July 28, 2006
Pin Descriptions
TSSOP PIN
SYMBOL
BRIEF DESCRIPTION
1
DS0
Wiper Selection input for Up/Down interface
2
A0
Device Address for 2-wire interface
3
RW0B
Second Wiper Terminal of DCP0
4
NC
No Connect
5
NC
No Connect
6U/D
Increment/Decrement for Up/Down interface
7
VCC
System Supply Voltage
8
RL0
Low Terminal of DCP0
9
RH0
High Terminal of DCP0
10
RW0A
First Wiper Terminal of the DCP0
11
A2
Device Address for 2-wire interface
12
WP
Hardware Write Protect (Active low)
13
SDA
Serial Data Input/Output for 2-wire interface
14
A1
Device Address for 2-wire interface
15
NC
No Connect
16
NC
No Connect
17
RW1B
Second Wiper Terminal of DCP1
18
VSS
System Ground
19
CS
Chip select for Up/Down interface
20
RW1A
First Wiper Terminal of DCP1
21
RH1
High Terminal of DCP1
22
RL1
Low Terminal of DCP1
23
SCL
Serial Clock for 2-wire interface
24
DS1
Wiper selection input for Up/Down interface
X9455


Similar Part No. - X9455TV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9455TV24I-2.7 INTERSIL-X9455TV24I-2.7 Datasheet
372Kb / 18P
   Dual Two-wiper Digitally-Controlled (XDCP) Potentiometer
logo
Renesas Technology Corp
X9455TV24I-2.7 RENESAS-X9455TV24I-2.7 Datasheet
787Kb / 19P
   Dual Two-wiper Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9455TV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9455 INTERSIL-X9455 Datasheet
372Kb / 18P
   Dual Two-wiper Digitally-Controlled (XDCP) Potentiometer
logo
Renesas Technology Corp
X9455 RENESAS-X9455 Datasheet
787Kb / 19P
   Dual Two-wiper Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com