Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9400YS24I Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9400YS24I
Description  Quad Digitally Controlled Potentiometers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9400YS24I Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9400YS24I Datasheet HTML 4Page - Intersil Corporation X9400YS24I Datasheet HTML 5Page - Intersil Corporation X9400YS24I Datasheet HTML 6Page - Intersil Corporation X9400YS24I Datasheet HTML 7Page - Intersil Corporation X9400YS24I Datasheet HTML 8Page - Intersil Corporation X9400YS24I Datasheet HTML 9Page - Intersil Corporation X9400YS24I Datasheet HTML 10Page - Intersil Corporation X9400YS24I Datasheet HTML 11Page - Intersil Corporation X9400YS24I Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN8189.3
July 28, 2006
Figure 8. Increment/Decrement Timing Limits
Table 1. Instruction Set
Instruction
Instruction Set
Operation
I3 I2 I1 I0 R1 R0 P1 P0
Read Wiper Counter Register
1
0
0
1
0
0
P1 P0 Read the contents of the Wiper Counter Register
pointed to by P1 - P0
Write Wiper Counter Register
1
0
1
0
0
0
P1 P0 Write new value to the Wiper Counter Register
pointed to by P1 - P0
Read Data Register
1
0
1
1
R1 R0 P1 P0 Read the contents of the Data Register pointed to
by P1 - P0 and R1 - R0
Write Data Register
1
1
0
0
R1 R0 P1 P0 Write new value to the Data Register pointed to by
P1 - P0 and R1 - R0
XFR Data Register to Wiper
Counter Register
11
0
1
R1 R0 P1 P0 Transfer the contents of the Data Register pointed to
by R1 - R0 to the Wiper Counter Register pointed to by
P1 - P0
XFR Wiper Counter Register
to Data Register
11
1
0
R1 R0 P1 P0 Transfer the contents of the Wiper Counter
Register pointed to by P1 - P0 to the Register
pointed to by R1 - R0
Global XFR Data Register to
Wiper Counter Register
00
0
1
R1 R0
0
0
Transfer the contents of the Data Registers pointed
to by R1 - R0 of all four pots to their respective Wiper
Counter Register
Global XFR Wiper Counter
Register to Data Register
10
0
0
R1 R0
0
0
Transfer the contents of all Wiper Counter
Registers to their respective data Registers
pointed to by R1 - R0 of all four pots
Increment/Decrement Wiper
Counter Register
00
1
0
0
0
P1 P0 Enable Increment/decrement of the Wiper Counter
Register pointed to by P1 - P0
Read Status (WIP bit)
0
1
0
1
0
0
0
1
Read the status of the internal write cycle, by
checking the WIP bit.
SCK
SI
VW/RW
INC/DEC CMD Issued
tWRID
Voltage Out
X9400


Similar Part No. - X9400YS24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9400YS24I INTERSIL-X9400YS24I Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
X9400YS24I-2.7 INTERSIL-X9400YS24I-2.7 Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
More results

Similar Description - X9400YS24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com