Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9522V20I-A Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9522V20I-A
Description  Triple DCP, Dual Voltage Monitors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9522V20I-A Datasheet(HTML) 3 Page - Intersil Corporation

  X9522V20I-A Datasheet HTML 1Page - Intersil Corporation X9522V20I-A Datasheet HTML 2Page - Intersil Corporation X9522V20I-A Datasheet HTML 3Page - Intersil Corporation X9522V20I-A Datasheet HTML 4Page - Intersil Corporation X9522V20I-A Datasheet HTML 5Page - Intersil Corporation X9522V20I-A Datasheet HTML 6Page - Intersil Corporation X9522V20I-A Datasheet HTML 7Page - Intersil Corporation X9522V20I-A Datasheet HTML 8Page - Intersil Corporation X9522V20I-A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
FN8208.1
January 3, 2006
PIN ASSIGNMENT
Pin
Name
Function
1
RH2
Connection to end of resistor array for (the 256 Tap) DCP 2.
2
Rw2
Connection to terminal equivalent to the “Wiper” of a mechanical potentiometer for DCP 2.
3
RL2
Connection to other end of resistor array for (the 256 Tap) DCP 2.
4V3
V3 Voltage Monitor Input. V3 is the input to a non-inverting voltage comparator circuit. When the V3
input is higher than the
VTRIP3 threshold voltage, V3RO makes a transition to a HIGH level. Connect
V3 to VSS when not used.
5V3RO
V3 RESET Output. This open drain output makes a transition to a HIGH level when V3 is greater than
VTRIP3 and goes LOW when V3 is less than VTRIP3. There is no delay circuitry on this pin. The V3RO
pin requires the use of an external “pull-up” resistor.
7WP
Write Protect Control Pin. WP pin is a TTL level compatible input. When held HIGH, Write Protection is
enabled. In the enabled state, this pin prevents all nonvolatile “write” operations. Also, when the Write
Protection is enabled, and the DCP Write Lock feature is active (i.e. the DCP Write Lock bit is set to
“1”), then no “write” (volatile or nonvolatile) operations can be performed in the device (including the
wiper position of any of the integrated Digitally Controlled Potentiometers (DCPs). The WP pin uses an
internal “pull-down” resistor, thus if left floating the write protection feature is disabled.
8SCL
Serial Clock. This is a TTL level compatible input pin used to control the serial bus timing for data input
and output.
9SDA
Serial Data. SDA is a bidirectional TTL level compatible pin used to transfer data into and out of the
device. The SDA pin input buffer is always active (not gated). This pin requires an external pull up re-
sistor.
10
Vss
Ground.
11
RL1
Connection to other end of resistor for (the 100 Tap) DCP 1.
12
Rw1
Connection to terminal equivalent to the “Wiper” of a mechanical potentiometer for DCP 1.
13
RH1
Connection to end of resistor array for (the 100 Tap) DCP 1.
14
RH0
Connection to end of resistor array for (the 64 Tap) Digitally Controlled Potentiometer (DCP) 0.
15
RW0
Connection to terminal equivalent to the “Wiper” of a mechanical potentiometer for DCP 0.
16
RL0
Connection to the other end of resistor array for (the 64 Tap) DCP 0.
17
V2
V2 Voltage Monitor Input. V2 is the input to a non-inverting voltage comparator circuit. When the V2
input is greater than the
VTRIP2 threshold voltage, V2RO makes a transition to a HIGH level. Connect
V2 to VSS when not used.
18
V2RO
V2 RESET Output. This open drain output makes a transition to a HIGH level when V2 is greater than
VTRIP2, and goes LOW when V2 is less than VTRIP2. There is no power-up reset delay circuitry on this
pin. The V2RO pin requires the use of an external “pull-up” resistor.
20
Vcc / V1
Supply Voltage.
6, 19
NC
No Connect.
X9522


Similar Part No. - X9522V20I-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9522V20I-A INTERSIL-X9522V20I-A Datasheet
486Kb / 29P
   Laser Diode Control for Fiber Optic Modules
logo
Renesas Technology Corp
X9522V20I-A RENESAS-X9522V20I-A Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
More results

Similar Description - X9522V20I-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9520 INTERSIL-X9520_06 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520 Datasheet
561Kb / 33P
   Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_07 Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Renesas Technology Corp
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
logo
Intersil Corporation
X40231 INTERSIL-X40231 Datasheet
541Kb / 36P
   Triple Voltage Monitors, POR, 2 kbit EEPROM MEMORY, and Single/Dual DCP
logo
Renesas Technology Corp
X40231 RENESAS-X40231 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Intersil Corporation
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
   Dual DCP, EEPROM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com