Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9455WV24IZ-2.7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9455WV24IZ-2.7
Description  Dual Two-wiper Digitally-Controlled Potentiometer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9455WV24IZ-2.7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9455WV24IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9455WV24IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9455WV24IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9455WV24IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9455WV24IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9455WV24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9455WV24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9455WV24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X9455WV24IZ-2.7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN8202.1
July 28, 2006
SDA vs. SCL Timing
WP, A0, A1, and A2 Pin Timing
tSU:WPA
(Note 5)
A0, A1, A2 and WP Setup Time
600
ns
tHD:WPA
(Note 5)
A0, A1, A2 and WP Hold Time
600
ns
2-Wire Interface Timing (s) (Continued)
SYMBOL
PARAMETER
MIN
MAX
UNITS
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(Input Timing)
SDA
(Output Timing)
tF
tLOW
tBUF
tAA
tR
tHD:WP
SCL
SDA IN
WP, A0, A1, or A2
tSU:WP
Clk 1
START
STOP
Increment/Decrement Timing
SYMBOL
PARAMETER
MIN
TYP (Note 4)
MAX
UNITS
tCI
CS to SCL Setup
600
ns
tID (Note 5)
SCL HIGH to U/D, DS0 or DS1 change
600
ns
tDI (Note 5)
U/D, DS0 or DS1 to SCL setup
600
ns
tIL
SCL LOW period
2.5
µs
tIH
SCL HIGH period
2.5
µs
tIC
SCL inactive to CS inactive (Nonvolatile Store Setup Time)
1
µs
tCPHS
CS deselect time (STORE)
10
ms
tCPHNS
(Note 5)
CS deselect time (NO STORE)
1
µs
tIW (Note 5)
SCL to RW change
100
500
µs
tCYC
SCL cycle time
5
µs
tR, tF (Note 5)
SCL input rise and fall time
500
µs
X9455


Similar Part No. - X9455WV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9455WV24IZ-2.7 RENESAS-X9455WV24IZ-2.7 Datasheet
787Kb / 19P
   Dual Two-wiper Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9455WV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9455 INTERSIL-X9455 Datasheet
372Kb / 18P
   Dual Two-wiper Digitally-Controlled (XDCP) Potentiometer
logo
Renesas Technology Corp
X9455 RENESAS-X9455 Datasheet
787Kb / 19P
   Dual Two-wiper Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com