Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5168PI-2.7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X5168PI-2.7
Description  CPU Supervisor with 16Kbit SPI EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5168PI-2.7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X5168PI-2.7 Datasheet HTML 3Page - Intersil Corporation X5168PI-2.7 Datasheet HTML 4Page - Intersil Corporation X5168PI-2.7 Datasheet HTML 5Page - Intersil Corporation X5168PI-2.7 Datasheet HTML 6Page - Intersil Corporation X5168PI-2.7 Datasheet HTML 7Page - Intersil Corporation X5168PI-2.7 Datasheet HTML 8Page - Intersil Corporation X5168PI-2.7 Datasheet HTML 9Page - Intersil Corporation X5168PI-2.7 Datasheet HTML 10Page - Intersil Corporation X5168PI-2.7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN8130.2
June 15, 2006
SPI Serial Memory
The memory portion of the device is a CMOS serial
EEPROM array with Intersil’s block lock protection. The
array is internally organized as x 8. The device features a
Serial Peripheral Interface (SPI) and software protocol
allowing operation on a simple four-wire bus.
The device utilizes Intersil’s proprietary Direct Writecell,
providing a minimum endurance of 100,000 cycles and a
minimum data retention of 100 years.
The device is designed to interface directly with the
synchronous Serial Peripheral Interface (SPI) of many
popular microcontroller families. It contains an 8-bit
instruction register that is accessed via the SI input, with
data being clocked in on the rising edge of SCK. CS must be
LOW during the entire operation.
All instructions (Table 1), addresses and data are transferred
MSB first. Data input on the SI line is latched on the first
rising edge of SCK after CS goes LOW. Data is output on the
SO line by the falling edge of SCK. SCK is static, allowing
the user to stop the clock and then start it again to resume
operations where left off.
Write Enable Latch
The device contains a write enable latch. This latch must be
SET before a write operation is initiated. The WREN
instruction will set the latch and the WRDI instruction will
reset the latch (Figure 3). This latch is automatically reset
upon a power-up condition and after the completion of a
valid write cycle.
Status Register
The RDSR instruction provides access to the status register.
The status register may be read at any time, even during a
write cycle. The status register is formatted as follows:
The Write-In-Progress (WIP) bit is a volatile, read only bit
and indicates whether the device is busy with an internal
nonvolatile write operation. The WIP bit is read using the
RDSR instruction. When set to a “1”, a nonvolatile write
operation is in progress. When set to a “0”, no write is in
progress.
Note:
*Instructions are shown MSB in leftmost position. Instructions are transferred MSB first.
7
6
5
4
3210
WPEN
FLB
0
0
BL1
BL0
WEL
WIP
TABLE 1. INSTRUCTION SET
INSTRUCTION NAME
INSTRUCTION FORMAT*
OPERATION
WREN
0000 0110
Set the write enable latch (enable write operations)
SFLB
0000 0000
Set flag bit
WRDI/RFLB
0000 0100
Reset the write enable latch/reset flag bit
RDSR
0000 0101
Read status register
WRSR
0000 0001
Write status register (watchdog, block lock, WPEN and flag bits)
READ
0000 0011
Read data from memory array beginning at selected address
WRITE
0000 0010
Write data to memory array beginning at selected address
TABLE 2. BLOCK PROTECT MATRIX
WREN CMD
STATUS REGISTER
DEVICE PIN
BLOCK
BLOCK
STATUS REGISTER
WEL
WPEN
WP#
PROTECTED BLOCK
UNPROTECTED BLOCK
WPEN, BL0, BL1 WD0,
WD1
0
X
X
Protected
Protected
Protected
1
1
0
Protected
Writable
Protected
1
0
X
Protected
Writable
Writable
1
X
1
Protected
Writable
Writable
X5168, X5169


Similar Part No. - X5168PI-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X5168PI-2.7 RENESAS-X5168PI-2.7 Datasheet
811Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
X5168PI-2.7A RENESAS-X5168PI-2.7A Datasheet
811Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
More results

Similar Description - X5168PI-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5163 XICOR-X5163 Datasheet
117Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163_06 Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5165S8IZ INTERSIL-X5165S8IZ Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5168 RENESAS-X5168 Datasheet
811Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163 Datasheet
365Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM Description
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com