Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9410WS24IZ-2.7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9410WS24IZ-2.7
Description  Dual Digitally Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9410WS24IZ-2.7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9410WS24IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9410WS24IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9410WS24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9410WS24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9410WS24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X9410WS24IZ-2.7 Datasheet HTML 10Page - Intersil Corporation X9410WS24IZ-2.7 Datasheet HTML 11Page - Intersil Corporation X9410WS24IZ-2.7 Datasheet HTML 12Page - Intersil Corporation X9410WS24IZ-2.7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
FN8193.2
October 12, 2006
Increment/Decrement Wiper Counter Register (WCR)
Global Transfer Data Register (DR) to Wiper Counter Register (WCR)
Global Transfer Wiper Counter Register (WCR) to Data Register (DR)
Read Status
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
WCR
addresses
increment/decrement
(sent by master on SDA)
CS
Rising
Edge
010 10 0 A
1
A
0 001 0 X X 0
P
0
I/
D
I/
D ...
. I/
D
I/
D
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR
addresses
CS
Rising
Edge
01 010 0 A
1
A
0 000 1
R
1
R
0 00
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR
addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
010100 A
1
A
0 1000
R
1
R
0 00
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
wiper
addresses
Data Byte
(sent by X9410 on SO)
CS
Rising
Edge
01010 0 A
1
A
0 010100 01000000 0
W
I
P
X9410


Similar Part No. - X9410WS24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9410WS24IZ-2.7 RENESAS-X9410WS24IZ-2.7 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
More results

Similar Description - X9410WS24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com