Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C524IFB Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P83C524IFB
Description  8-bit microcontrollers
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFB Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P83C524IFB Datasheet HTML 7Page - NXP Semiconductors P83C524IFB Datasheet HTML 8Page - NXP Semiconductors P83C524IFB Datasheet HTML 9Page - NXP Semiconductors P83C524IFB Datasheet HTML 10Page - NXP Semiconductors P83C524IFB Datasheet HTML 11Page - NXP Semiconductors P83C524IFB Datasheet HTML 12Page - NXP Semiconductors P83C524IFB Datasheet HTML 13Page - NXP Semiconductors P83C524IFB Datasheet HTML 14Page - NXP Semiconductors P83C524IFB Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
1997 Dec 15
11
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
7.2
Pin description
Table 1
Pin description for P83C524, P80C528 and P83C528; see note 1
SYMBOL
PIN
DESCRIPTION
SOT 129-1 SOT 187-2 SOT 307-2
P1.0
−P1.7 1 to 8
2
−9
(1 n.c.)
1
−3,
40
−44
(39 n.c.)
Port 1: 8-bit quasi-bidirectional I/O Port. Port 1 can sink/source
one TTL (= 4 LSTTL) input. It can drive CMOS inputs without
external pull-ups, except P1.6 and P1.7 which have open drain
outputs.
Port 1 alternative functions:
T2
1240
P1.0
Timer/event counter 2 external event counter input
(falling edge triggered)
T2EX
2
3
41
P1.1
Timer/event counter 2 capture/reload trigger or external
interrupt 2 input (falling edge triggered)
SCL
7
8
2
P1.6
I2C-bus Serial Port clock line
SDA
8
9
3
P1.7
I2C-bus Serial Port data line.
RST
9
10
4
RESET: a HIGH level on this pin for two machine cycles while the
oscillator is running, resets the device. An internal pull-down
resistor permits power-on reset using only a capacitor connected
to VDD. After a WDT overflow this pin is pulled HIGH while the
internal reset signal is active.
P3.0
−P3.7 10−17
11, 13
−19
(12 n.c.)
5, 7
−13
(6 n.c.)
Port 3: 8-bit quasi-bidirectional I/O Port with internal pull-ups.
Port 3 can sink/source one TTL (= 4 LSTTL) input. It can drive
CMOS inputs without external pull-ups.
Port 3 alternative functions:
RXD/data
10
11
5
P3.0
Serial Port data input (asynchronous) or data
input/output (synchronous)
TXD/clock
11
13
7
P3.1
Serial Port data output (asynchronous) or clock output
(synchronous)
INT0
12
14
8
P3.2
external interrupt 0 or gate control input for timer/event
counter 0
INT1
13
15
9
P3.3
external interrupt 1 or gate control input for timer/event
counter 1
T0
14
16
10
P3.4
external input for timer/event counter 0
T1
15
17
11
P3.5
external input for timer/event counter 1
WR
16
18
12
P3.6
external data memory write strobe
RD
17
19
13
P3.7
external data memory read strobe.
The generation or use of a Port 3 pin as an alternative function is
carried out automatically by the P83C528 provided the associated
Special Function Register (SFR) bit is set HIGH.
XTAL2
18
20
14
Crystal input 2: output of the inverting amplifier that forms the
oscillator. This pin left open-circuit when an external oscillator
clock is used (see Figures 22 and 23).


Similar Part No. - P83C524IFB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C528FBA PHILIPS-P83C528FBA Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
P83C528FBAA PHILIPS-P83C528FBAA Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
P83C528FBB PHILIPS-P83C528FBB Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
P83C528FBBB PHILIPS-P83C528FBBB Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
P83C528FBP PHILIPS-P83C528FBP Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
More results

Similar Description - P83C524IFB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com