Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9520V20I-BT1 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9520V20I-BT1
Description  Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9520V20I-BT1 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9520V20I-BT1 Datasheet HTML 6Page - Intersil Corporation X9520V20I-BT1 Datasheet HTML 7Page - Intersil Corporation X9520V20I-BT1 Datasheet HTML 8Page - Intersil Corporation X9520V20I-BT1 Datasheet HTML 9Page - Intersil Corporation X9520V20I-BT1 Datasheet HTML 10Page - Intersil Corporation X9520V20I-BT1 Datasheet HTML 11Page - Intersil Corporation X9520V20I-BT1 Datasheet HTML 12Page - Intersil Corporation X9520V20I-BT1 Datasheet HTML 13Page - Intersil Corporation X9520V20I-BT1 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
FN8206.1
January 3, 2006
It should be noted that when reading out the data byte for
DCP0 (64 Tap), the upper two most significant bits are
“unknown” bits. For DCP1 (100 Tap), the upper most
significant bit is an “unknown”. For DCP2 (256 Tap) however,
all bits of the data byte are relevant (See Figure 10).
2KBIT EEPROM ARRAY
Operations on the 2kbit EEPROM Array, consist of either 1,
2 or 3 byte command sequences. All operations on the
EEPROM must begin with the Device Type Identifier of the
Slave Address set to 1010000. A Read or Write to the
EEPROM is selected by setting the LSB of the Slave
Address to the appropriate value R/W (Read = “1”,
Write = ”0”).
In some cases when performing a Read or Write to the
EEPROM, an Address Byte may also need to be specified.
This Address Byte can contain the values 00h to FFh.
EEPROM BYTE WRITE
In order to perform an EEPROM Byte Write operation to the
EEPROM array, the Write Enable Latch (WEL) bit of the
CONSTAT Register must first be set (See “BL1, BL0: Block
Lock protection bits - (Nonvolatile)” on page 13.)
For a write operation, the X9520 requires the Slave Address
Byte and an Address Byte. This gives the master access to
any one of the words in the array. After receipt of the
Address Byte, the X9520 responds with an
ACKNOWLEDGE, and awaits the next eight bits of data.
After receiving the 8 bits of the Data Byte, it again responds
with an ACKNOWLEDGE. The master then terminates the
transfer by generating a STOP condition, at which time the
X9520 begins the internal write cycle to the nonvolatile
memory (See Figure 11). During this internal write cycle, the
X9520 inputs are disabled, so it does not respond to any
requests from the master. The SDA output is at high
impedance. A write to a region of EEPROM memory which
has been protected with the Block-Lock feature (See “BL1,
BL0: Block Lock protection bits - (Nonvolatile)” on page 13.),
suppresses the ACKNOWLEDGE bit after the Address Byte.
EEPROM Page Write
In order to perform an EEPROM Page Write operation to the
EEPROM array, the Write Enable Latch (WEL) bit of the
CONSTAT Register must first be set (See “BL1, BL0: Block
Lock protection bits - (Nonvolatile)” on page 13.)
The X9520 is capable of a page write operation. It is initiated
in the same manner as the byte write operation; but instead
of terminating the write cycle after the first data byte is
transferred, the master can transmit an unlimited number of
8-bit bytes. After the receipt of each byte, the X9520
responds with an ACKNOWLEDGE, and the address is
internally incremented by one. The page address remains
constant. When the counter reaches the end of the page, it
“rolls over” and goes back to ‘0’ on the same page.
For example, if the master writes 12 bytes to the page
starting at location 11 (decimal), the first 5 bytes are written
to locations 11 through 15, while the last 7 bytes are written
to locations 0 through 6. Afterwards, the address counter
would point to location 7. If the master supplies more than 16
bytes of data, then new data overwrites the previous data,
one byte at a time (See Figure 13).
The master terminates the Data Byte loading by issuing a
STOP condition, which causes the X9520 to begin the
nonvolatile write cycle. As with the byte write operation, all
inputs are disabled until completion of the internal write
cycle. See Figure 12 for the address, ACKNOWLEDGE, and
data transfer sequence.
Stops and EEPROM Write Modes
Stop conditions that terminate write operations must be sent
by the master after sending at least 1 full data byte and
receiving the subsequent ACKNOWLEDGE signal. If the
master issues a STOP within a Data Byte, or before the
X9520 issues a corresponding ACKNOWLEDGE, the X9520
cancels the write operation. Therefore, the contents of the
EEPROM array does not change.
S
t
a
r
t
S
t
o
p
Slave
Address
Address
Byte
Data
(n)
A
C
K
A
C
K
A
C
K
SDA Bus
Signals from the
Slave
Signals from the
Master
Data
(1)
A
C
K
(2 < n < 16)
FIGURE 12. EEPROM PAGE WRITE OPERATION
101000 00
X9520


Similar Part No. - X9520V20I-BT1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9520V20I-BT1 INTERSIL-X9520V20I-BT1 Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Renesas Technology Corp
X9520V20I-BT1 RENESAS-X9520V20I-BT1 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
More results

Similar Description - X9520V20I-BT1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9520 INTERSIL-X9520 Datasheet
561Kb / 33P
   Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_07 Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X40231 INTERSIL-X40231 Datasheet
541Kb / 36P
   Triple Voltage Monitors, POR, 2 kbit EEPROM MEMORY, and Single/Dual DCP
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X40231 RENESAS-X40231 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
   Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9521 INTERSIL-X9521_06 Datasheet
360Kb / 24P
   Dual DCP, EEPROM Memory
logo
Renesas Technology Corp
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com