Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 2N3904
Description  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

2N3904 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  2N3904 Datasheet HTML 1Page - National Semiconductor (TI) 2N3904 Datasheet HTML 2Page - National Semiconductor (TI) 2N3904 Datasheet HTML 3Page - National Semiconductor (TI) 2N3904 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPN General Purpose Amplifier
(continued)
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
2N3904
*PZT3904
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
1,000
8.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
125
°C/W
Symbol
Characteristic
Max
Units
**MMBT3904
MMPQ3904
PD
Total Device Dissipation
Derate above 25
°C
350
2.8
1,000
8.0
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
Effective 4 Die
Each Die
357
125
240
°C/W
°C/W
°C/W
Typical Characteristics
Collector-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
0.05
0.1
0.15
I
- COLLECTOR CURRENT (mA)
25 °C
C
ββ = 10
125 °C
- 40 °C
Base-Emitter Saturation
Voltage vs Collector Current
P23
0.1
1
10
100
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT (mA)
C
ββ = 10
25 °C
125 °C
- 40 °C
Base-Emitter ON Voltage vs
Collector Current
0.1
1
10
100
0.2
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT (mA)
C
V
= 5V
CE
25 °C
125 °C
- 40 °C
Typical Pulsed Current Gain
vs Collector Current
0.1
1
10
100
0
100
200
300
400
500
I
- COLLECTOR CURRENT (mA)
- 40º C
25 °C
C
V
= 5V
CE
125 °C
*Device mounted on FR-4 PCB 36 mm X 18 mm X 1.5 mm; mounting pad for the collector lead min. 6 cm2.
**Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
AUK corp
2N3904 AUK-2N3904 Datasheet
52Kb / 3P
   NPN Silicon Transistor (General small signal application)
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
Daya Electric Group Co....
2N3904 DAYA-2N3904 Datasheet
188Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com