Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9420YV14Z Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9420YV14Z
Description  Single Digitally Controlled Potentiometer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9420YV14Z Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9420YV14Z Datasheet HTML 7Page - Intersil Corporation X9420YV14Z Datasheet HTML 8Page - Intersil Corporation X9420YV14Z Datasheet HTML 9Page - Intersil Corporation X9420YV14Z Datasheet HTML 10Page - Intersil Corporation X9420YV14Z Datasheet HTML 11Page - Intersil Corporation X9420YV14Z Datasheet HTML 12Page - Intersil Corporation X9420YV14Z Datasheet HTML 13Page - Intersil Corporation X9420YV14Z Datasheet HTML 14Page - Intersil Corporation X9420YV14Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN8195.1
April 26, 2006
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .....................-65 C to +135 C
Storage temperature ..........................-65 C to +150 C
Voltage on SCK, SCL or any
address input with respect to VSS ........... -1V to +7V
Voltage on V+ (referenced to VSS)........................10V
Voltage on V- (referenced to VSS)........................-10V
(V+) - (V-) .............................................................. 12V
Any VH/RH, VL/RL, VW/RW ........................... V- to V+
Lead temperature (soldering, 10s) .....................300 C
IW (10s) ..............................................................±6mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification)
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as
a potentiometer.
(2) Relative Linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potenti-
ometer. It is a measure of the error in step size.
(3) MI = RTOT/63 or (VH - VL)/63, single pot.
(4) Typical = Individual array resolution.
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Units
RTOTAL
End to End Resistance
±20
%
Power Rating
50
mW
25C, each pot
IW
Wiper Current
±3
mA
RW
Wiper Resistance
150
250
Ω
Wiper Current =
± 1mA,
V+/V- = ±3V
40
100
Ω
Wiper Current =
± 1mA,
V+/V- = ±5V
Vv+
Voltage on V+ Pin
X9420
+4.5
+5.5
V
X9420-2.7
+2.7
+5.5
Vv-
Voltage on V- Pin
X9420
-5.5
-4.5
V
X9420-2.7
-5.5
-2.7
VTERM
Voltage on any VH/RH, VL/RL, VW/RW
V-
V+
V
Noise
-140
dBV
Ref: 1kHz
Resolution(4)
1.6
%
See Note 5
Absolute Linearity(1)
±1
MI(3)
Vw(n)(actual) - Vw(n)(expected)
Relative Linearity(2)
±0.2
MI(3)
Vw(n + 1) - [Vw(n) + MI]
Temperature Coefficient of RTOTAL
±300
ppm/C See Note 5
Ratiometric Temperature Coefficient
±20
ppm/C See Note 5
CH/CL/CW Potentiometer Capacitances
10/10/25
pF
See Circuit #3
IAL
Rh, RI, Rw leakage current
0.1
10
µA
Vin = V- to V+. Device is in
stand-by mode.
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C+70°C
Industrial
-40
°C+85°C
Device
Supply Voltage (VCC) Limits
X9420
5V
± 10%
X9420-2.7
2.7V to 5.5V
X9420


Similar Part No. - X9420YV14Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9420YV14Z RENESAS-X9420YV14Z Datasheet
766Kb / 19P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
X9420YV14Z-2.7 RENESAS-X9420YV14Z-2.7 Datasheet
766Kb / 19P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9420YV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com