Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9400YV24Z-2.7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9400YV24Z-2.7
Description  Quad Digitally Controlled Potentiometers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9400YV24Z-2.7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9400YV24Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9400YV24Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9400YV24Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9400YV24Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9400YV24Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9400YV24Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9400YV24Z-2.7 Datasheet HTML 11Page - Intersil Corporation X9400YV24Z-2.7 Datasheet HTML 12Page - Intersil Corporation X9400YV24Z-2.7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
FN8189.3
July 28, 2006
Instruction Format
Notes: (1) “A1 ~ A0”: stands for the device addresses sent by the master.
(2) WPx refers to wiper position data in the Counter Register
(3) “I”: stands for the increment operation, SI held HIGH during active SCK phase (high).
(4) “D”: stands for the decrement operation, SI held LOW during active SCK phase (high).
Read Wiper Counter Register (WCR)
Write Wiper Counter Register (WCR)
Read Data Register (DR)
Write Data Register (DR)
Transfer Data Register (DR) to Wiper Counter Register (WCR)
Transfer Wiper Counter Register (WCR) to Data Register (DR)
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
WCR
addresses
wiper position
(sent by X9400 on SO)
CS
Rising
Edge
010 100 A
1
A
0 100 100
P
1
P
0 00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
WCR
addresses
Data Byte
(sent by Host on SI)
CS
Rising
Edge
010 100 A
1
A
0 101 000
P
1
P
0 00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR and WCR
addresses
Data Byte
(sent by X9400 on SO)
CS
Rising
Edge
01010 0 A
1
A
0 1011
R
1
R
0
P
1
P
0 00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR and WCR
addresses
Data Byte
(sent by host on SI)
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
01010 0 A
1
A
0 110 0
R
1
R
0
P
1
P
0 00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR and WCR
addresses
CS
Rising
Edge
0101 00 A
1
A
0 11 01
R
1
R
0
P
1
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR and WCR
addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
010 100 A
1
A
0 111 0
R
1
R
0
P
1
P
0
X9400


Similar Part No. - X9400YV24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9400YV24 INTERSIL-X9400YV24 Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
X9400YV24-2.7 INTERSIL-X9400YV24-2.7 Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
X9400YV24I INTERSIL-X9400YV24I Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
X9400YV24I-2.7 INTERSIL-X9400YV24I-2.7 Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
More results

Similar Description - X9400YV24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com