Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9428WV14-2.7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9428WV14-2.7
Description  Single Digitally Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9428WV14-2.7 Datasheet(HTML) 2 Page - Intersil Corporation

  X9428WV14-2.7 Datasheet HTML 1Page - Intersil Corporation X9428WV14-2.7 Datasheet HTML 2Page - Intersil Corporation X9428WV14-2.7 Datasheet HTML 3Page - Intersil Corporation X9428WV14-2.7 Datasheet HTML 4Page - Intersil Corporation X9428WV14-2.7 Datasheet HTML 5Page - Intersil Corporation X9428WV14-2.7 Datasheet HTML 6Page - Intersil Corporation X9428WV14-2.7 Datasheet HTML 7Page - Intersil Corporation X9428WV14-2.7 Datasheet HTML 8Page - Intersil Corporation X9428WV14-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN8197.1
April 26, 2006
Ordering Information
PART NUMBER
PART
MARKING
VCC LIMITS (V)
POTENTIOMETER
ORGANIZATION (k
Ω)
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG. #
X9428WS16*
X9428WS
5 to ±10%
10
0 to +70
16 Ld SOIC (300 mil) M16.3
X9428WS16Z* (Note)
X9428WS Z
0 to +70
16 Ld SOIC (300 mil)
(Pb-free)
M16.3
X9428WS16I*
X9428WS I
-40 to +85
16 Ld SOIC (300 mil) M16.3
X9428WS16IZ* (Note)
X9428WS ZI
-40 to +85
16 Ld SOIC (300 mil)
(Pb-free)
M16.3
X9428WV14*
X9428 W
0 to +70
14 Ld TSSOP
(4.4mm)
M14.173
X9428WV14Z* (Note)
X9428 Z
0 to +70
14 Ld TSSOP
(4.4mm) (Pb-free)
M14.173
X9428WV14I*
X9428 WI
-40 to +85
14 Ld TSSOP
(4.4mm)
M14.173
X9428WV14IZ* (Note)
X9428 ZI
-40 to +85
14 Ld TSSOP
(4.4mm) (Pb-free)
M14.173
X9428YS16*
X9428YS
2
0 to +70
16 Ld SOIC (300 mil) M16.3
X9428YS16Z* (Note)
X9428YS Z
0 to +70
16 Ld SOIC (300 mil)
(Pb-free)
M16.3
X9428YS16I*
X9428YS I
-40 to +85
16 Ld SOIC (300 mil) M16.3
X9428YS16IZ* (Note)
X9428YS ZI
-40 to +85
16 Ld SOIC (300 mil)
(Pb-free)
M16.3
X9428YV14*
X9428 Y
0 to +70
14 Ld TSSOP
(4.4mm)
M14.173
X9428YV14Z* (Note)
X9428 YZ
0 to +70
14 Ld TSSOP
(4.4mm) (Pb-free)
M14.173
X9428YV14I*
X9428 YI
-40 to +85
14 Ld TSSOP
(4.4mm)
M14.173
X9428YV14IZ* (Note)
X9428 YZI
-40 to +85
14 Ld TSSOP
(4.4mm) (Pb-free)
M14.173
X9428WS16-2.7*
X9428WS F
2.7 to 5.5
10
0 to +70
16 Ld SOIC (300 mil) M16.3
X9428WS16Z-2.7*
(Note)
X9428WS ZF
0 to +70
16 Ld SOIC (300 mil)
(Pb-free)
M16.3
X9428WS16I-2.7*
X9428WS G
-40 to +85
16 Ld SOIC (300 mil) M16.3
X9428WS16IZ-2.7*
(Note)
X9428WS ZG
-40 to +85
16 Ld SOIC (300 mil)
(Pb-free)
M16.3
X9428WV14-2.7*
X9428 WF
0 to +70
14 Ld TSSOP
(4.4mm)
M14.173
X9428WV14Z-2.7*
(Note)
X9428 ZF
0 to +70
14 Ld TSSOP
(4.4mm) (Pb-free)
M14.173
X9428WV14I-2.7*
X9428 WG
-40 to +85
14 Ld TSSOP
(4.4mm)
M14.173
X9428WV14IZ-2.7*
(Note)
X9428 ZG
-40 to +85
14 Ld TSSOP
(4.4mm) (Pb-free)
M14.173
X9428YS16-2.7*
X9428YS F
2
0 to +70
16 Ld SOIC (300 mil) M16.3
X9428YS16Z-2.7*
(Note)
X9428YS ZF
0 to +70
16 Ld SOIC (300 mil)
(Pb-free)
M16.3
X9428


Similar Part No. - X9428WV14-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9428WV14-2.7 RENESAS-X9428WV14-2.7 Datasheet
830Kb / 21P
   Single Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9428WV14-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com