Electronic Components Datasheet Search |
|
135D128X0006K2 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
135D128X0006K2 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 6 page www.vishay.com For technical questions, contact: wettants@vishay.com Document Number: 40024 2 Revision: 26-Sep-06 135D Vishay Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to + 200 °C Operation FEATURES Terminations : standard Tin/lead (SnPb), 100 % Tin (RoHS compliant) available Standard and Extended Ratings Model 135D tantalum-case tantalum electrolytic capacitors incorporate the advantages of all the varieties of electrolytic capacitors and eliminate most of the disadvantages. These units have a 3 volt reverse voltage capability at + 85 °C and a higher ripple current capability than any other electrolytic type with similar combinations of capacitance and case size. Designed for the aerospace applications, this capacitor was developed under partial sponsorship of the Marshall Space Flight Center, National Aeronautics and Space Administration. The capacitors have a high resistance to damage from shock and vibration. Extended range ratings and high temperature designs are available. Model 135D capacitors are commercial equivalents of Tansitor Style; AQ, AR, HAQ, HAR, Mallory-NACC Style; TLT, TXT, THT, THX and Military Style CLR79 and CLR81, designed to meet the performance requirements of Military Specification MIL-PRF-39006/22/25. Capacitors to meet MILPRF- 39006/22/25 should be ordered by part numbers shown in that specification. Available RoHS* COMPLIANT PERFORMANCE CHARACTERISTICS Operating Temperature: - 55 °C to + 85 °C. (To + 200 °C with voltage derating.) Capacitance Tolerance: At 120 Hz, + 25 °C. ± 20 % standard. ± 10 %, ± 5 % available as special. DC Leakage Current (DCL Max.): At + 25 °C and above: Leakage current shall not exceed the values listed in the Standard Ratings Tables. Life Test: Capacitors are capable of withstanding a 2000 hour life test at a temperature of + 85 °C or + 125 °C at the applicable rated DC working voltage. Following life test: 1. DCL, measured at + 85 °C rated voltage, shall not be in excess of the original requirement. 2. The equivalent series resistance shall not exceed 150 % of the initial requirement. 3. Change in capacitance shall not exceed 10 % from the initial measurement. * Pb containing terminations are not RoHS compliant, exemptions may apply ORDERING INFORMATION 135D 306 X0 006 C 2 E3 MODEL CAPACITANCE CAPACITANCE TOLERANCE DC VOLTAGE RATING AT + 85 °C CASE CODE STYLE NUMBER RoHS COMPLIANT This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. X0 = ± 20 % X9 = ± 10 % X5 = ± 5 % This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an "R" (6R3 = 6.3 volts). See Ratings and Case Codes Table. Standard 0 = No outer tube. 2 = Outer polyesterfilm insulation. High Temperature 8 = No outer tube. 6 = High temperature film insulation (above + 125 °C). E3 = 100 % tin termination (RoHS compliant design) Blank = SnPb termination (standard design) Packaging: The use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not recommended due to the unit weight. |
Similar Part No. - 135D128X0006K2 |
|
Similar Description - 135D128X0006K2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |