Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34017ADR2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC34017ADR2
Description  Telephone Tone Ringer Bipolar Linear/I2L
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34017ADR2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC34017ADR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34017ADR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34017ADR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34017ADR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34017ADR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34017ADR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34017ADR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34017ADR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34017ADR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34017A
TYPICAL APPLICATIONS
INTRODUCTION
TYPICAL APPLICATIONS
INTRODUCTION
The 34017A Tone Ringer derives its power supply by
rectifying the AC ringing signal. It uses this power to activate
a tone generator and drive a piezo-ceramic transducer. The
tone generation circuitry includes a relaxation oscillator and
frequency dividers which produce high and low frequency
tones as well as the tone warble frequency. The relaxation
oscillator frequency fO is set by resistor R2 and capacitor C2
connected to Terminal RC. The oscillator will operate with fO
from 1.0 kHz to 10 kHz with the proper choice of external
components (see Figure 2).
The frequency of the tone ringer output signal at RO1 and
RO2 alternates between fO/4 to fO/5. The warble rate at which
the frequency changes is fO/320 for the 34017A-1, fO/640 for
the 34017A-2 and fO/160 for the 34017A-3. With a 4.0 kHz
oscillator frequency, the 34017A-1 produces 800 Hz and
1000 Hz tones with a 12.5 Hz warble rate. The 34017A-2
generates 1600 Hz and 2000 Hz tones with a similar 12.5 Hz
warble frequency from an 8.0 kHz oscillator frequency. The
34017A-3 will produce 400 Hz and 500 Hz tones with a
12.5 Hz warble rate from a 2.0 kHz oscillator frequency. The
tone ringer output circuit can source or sink 20 mA with an
output voltage swing of 37 V peak-to-peak. Volume control is
readily implemented by adding a variable resistance in series
with the piezo transducer.
Input signal detection circuitry activates the tone ringer
output when the AC line voltage exceeds programmed
threshold level. Resistor R3 determines the ringing signal
amplitude at which an output signal at RO1 and RO2 will be
generated. The AC ringing signal is rectified by the internal
diode bridge. The rectified input signal produces a voltage
across R3 which is referenced to RG. The voltage across
resistor R3 is filtered by capacitor C3 at the input to the
threshold circuit.
Figure 4. Oscillator Period (1/fO) versus Oscillator R2 C2
Product
When the voltage on capacitor C3 exceeds 1.2 V, the
threshold comparator enables the tone ringer output. Line
transients produced by pulse dialing telephones do not
charge capacitor C3 sufficiently to activate the tone ringer
output.
Capacitors C1 and C4 and resistor R1 determine the 10 V,
24 Hz signature test impedance. C4 also provides filtering for
the output stage power supply to prevent droop in the square
wave output signal. Six diodes in series with the rectifying
bridge provide the necessary non-linearity for the 2.5 V,
24 Hz signature tests.
An internal shunt voltage regulator between the RI and RG
terminals provides DC voltage to power the output stage,
oscillator, and frequency dividers. The DC voltage at RI is
limited to approximately 22 V in regulation. To protect the IC
from telephone line transients, an SCR is triggered when the
regulator current exceeds 50 mA. The SCR diverts current
from the shunt regulator and reduces the power dissipation
within the IC.
External Components
R1
Line Input
Register
R1 affects the tone ringer input
impedance. It also influences
ringing threshold voltage and
limits current from line transients.
Range: 2.0 to 10 k
Ω.
C1
Line Input
Capacitor
C1 AC couples the tone ringer to
the telephone line and controls
ringer input impedance at low
frequencies.
Range: 0.4 to 2.0 µF.
R2
Oscillator Resistor
Range: 150 to 300 k
Ω.
C2
Oscillator
Capacitor
Range: 400 to 3000 pF.
R3
Input Current
Sense Resistor
R3 controls the ringing threshold
voltage. Increasing R3 decreases
the ring-start voltage.
Range: 5.0 to 18 k
Ω.
C3
Ringing Threshold
Filter Capacitor
C3 filters the AC voltage across
R3 at the input of the ringing
threshold comparator. It also
provides dialer transient rejection.
Range: 0.5 to 5.0 µF.
C4
Ringer Supply
Capacitor
C4 filters supply voltage for the
tone generating circuits. It also
provides an AC current path for
the 10 VRMS ringer signature
impedance.
(Range: 1.0 to 10 µF).


Similar Part No. - MC34017ADR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34017 MOTOROLA-MC34017 Datasheet
133Kb / 8P
   TELEPHONE TONE RINGER BIPOLAR LINEAR/I2L
More results

Similar Description - MC34017ADR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34017 MOTOROLA-MC34017 Datasheet
133Kb / 8P
   TELEPHONE TONE RINGER BIPOLAR LINEAR/I2L
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
TA31001 UTC-TA31001_10 Datasheet
200Kb / 6P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002_15 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
   TELEPHONE TONE RINGER
31002A UTC-31002A_08 Datasheet
173Kb / 6P
   TELEPHONE TONE RINGER
UTC31002A UTC-UTC31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
UTCTA31002 UTC-UTCTA31002 Datasheet
27Kb / 4P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com