Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

135D437X0008T2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 135D437X0008T2
Description  Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D437X0008T2 Datasheet(HTML) 4 Page - Vishay Siliconix

  135D437X0008T2 Datasheet HTML 1Page - Vishay Siliconix 135D437X0008T2 Datasheet HTML 2Page - Vishay Siliconix 135D437X0008T2 Datasheet HTML 3Page - Vishay Siliconix 135D437X0008T2 Datasheet HTML 4Page - Vishay Siliconix 135D437X0008T2 Datasheet HTML 5Page - Vishay Siliconix 135D437X0008T2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 40024
For technical questions, contact: wettants@vishay.com
www.vishay.com
Revision: 26-Sep-06
5
135D
Wet Tantalum Capacitors
Tantalum-Case with Glass-to-Tantalum Hermetic Seal
For - 55 °C to + 200 °C Operation
Vishay
EXTENDED RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER*
Max. ESR
at
+ 25 °C
120 Hz
(Ohms)
Max. IMP.
at
- 55 °C
120 Hz
(Ohms)
Max. DCL (µA)
at
Max. CAPACITANCE CHANGE
(%) at
Max.
RIPPLE
40 kHz
rms
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
6 WVDC at + 85 °C . . . 4 WVDC at + 125 °C . . . 3.6 WVDC at + 200 °C
220
C
135D227X0006C2
3.0
36
2
9
- 64
+13
+16
1000
560
F
135D567X0006F2
2.5
21
3
9
- 77
+16
+20
1500
820
F
135D827X0006F2
2.5
18
3
14
- 88
+16
+20
1500
1200
T
135D128X0006T2
1.5
18
5
18
- 88
+20
+25
1900
1500
T
135D158X0006T2
1.5
18
5
20
- 90
+20
+25
1900
2200
K
135D228X0006K2
1.0
13
6
24
- 90
+25
+30
2300
8 WVDC at + 85 °C . . . 5 WVDC at + 125 °C . . . 4.8 WVDC at + 200 °C
180
C
135D187X0008C2
3.0
45
2
9
- 60
+13
+16
1000
680
F
135D687X0008F2
2.5
22
3
14
- 83
+16
+20
1500
1500
T
135D158X0008T2
1.5
18
5
20
- 90
+20
+25
1900
1800
K
135D188X0008K2
1.0
14
7
25
- 90
+25
+30
2300
10 WVDC at + 85 °C . . . 7 WVDC at + 125 °C . . . 6 WVDC at + 200 °C
120
C
135D127X0010C2
3.2
54
2
6
- 40
+14
+16
900
150
C
135D157X0010C2
3.0
54
2
9
- 55
+13
+16
900
390
F
135D397X0010F2
2.5
27
3
9
- 66
+16
+20
1450
560
F
135D567X0010F2
2.5
27
3
16
- 77
+16
+20
1450
1200
T
135D128X0010T2
1.5
18
5
20
- 88
+20
+25
1850
1500
K
135D158X0010K2
1.0
15
7
25
- 88
+25
+30
2300
15 WVDC at + 85 °C . . . 10 WVDC at + 125 °C . . . 9 WVDC at + 200 °C
82
C
135D826X0015C2
3.9
72
2
6
- 35
+12
+16
900
100
C
135D107X0015C2
3.9
72
2
9
- 44
+13
+16
900
270
F
135D277X0015F2
2.5
31
3
9
- 62
+16
+15
1450
390
F
135D397X0015F2
2.5
31
3
16
- 66
+16
+20
1450
680
T
135D687X0015T2
1.8
22
6
18
- 74
+20
+25
1800
820
T
135D827X0015T2
1.8
22
6
24
- 77
+20
+25
1800
1000
K
135D108X0015K2
1.2
17
8
32
- 77
+25
+30
2330
25 WVDC at + 85 °C . . . 15 WVDC at + 125 °C . . . 12 WVDC at + 200 °C
56
C
135D566X0025C2
4.3
90
2
6
- 25
+12
+15
850
68
C
135D686X0025C2
4.3
90
2
9
- 40
+12
+15
850
180
F
135D187X0025F2
2.7
33
3
9
- 54
+13
+15
1400
270
F
135D277X0025F2
2.7
33
3
16
- 62
+13
+16
1400
470
T
135D477X0025T2
1.8
24
6
18
- 65
+18
+25
1750
560
T
135D567X0025T2
1.8
24
7
28
- 72
+20
+25
1750
680
K
135D687X0025K2
1.2
19
8
32
- 72
+25
+30
2100
30 WVDC at + 85 °C . . . 20 WVDC at + 125 °C. . . 18 WVDC at + 200 °C
47
C
135D476X0030C2
5.2
100
2
6
- 23
+12
+15
800
56
C
135D566X0030C2
5.2
100
2
9
- 38
+12
+15
800
150
F
135D157X0030F2
2.5
36
3
9
- 42
+13
+15
1200
220
F
135D227X0030F2
2.5
36
3
16
- 60
+13
+16
1200
390
T
135D397X0030T2
1.8
25
6
18
- 55
+18
+25
1500
470
T
135D477X0030T2
1.8
25
8
32
- 65
+20
+25
1500
560
K
135D567X0030K2
1.3
20
9
36
- 65
+25
+30
2000
* Part Numbers listed are for units with ± 20 % capacitance tolerance insulated capacitors. For ± 10 % tolerance capacitors, change the digit
following the letter "X" from "0" to "9"; for ± 5 %, change the digit following the letter "X" from "0" to "5". For capacitors without outer
polyester-film insulation, change the last digit in the part number from "2" to "0". For capacitors with a high temperature insulating sleeve,
change the last digit in the part number from "2" to "6". For RoHS compliant add “E3”.


Similar Part No. - 135D437X0008T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D437X0008T2 VISHAY-135D437X0008T2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D437X0008T2 VISHAY-135D437X0008T2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
135D437X0008T2 VISHAY-135D437X0008T2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D437X0008T2 VISHAY-135D437X0008T2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D437X0008T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Revision: 30-Jun-08
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
135D VISHAY-135D Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com