Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6298 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS6298
Description  30V N-Channel Fast Switching PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6298 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS6298 Datasheet HTML 1Page - Fairchild Semiconductor FDS6298 Datasheet HTML 2Page - Fairchild Semiconductor FDS6298 Datasheet HTML 3Page - Fairchild Semiconductor FDS6298 Datasheet HTML 4Page - Fairchild Semiconductor FDS6298 Datasheet HTML 5Page - Fairchild Semiconductor FDS6298 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2007 Fairchild Semiconductor Corporation
FDS6298 Rev. C1 ( W)
FDS6298
30V N-Channel Fast Switching PowerTrench®®®® MOSFET
General Description
This N-Channel MOSFET has been designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers. It has been optimized for
low gate charge, low RDS(ON) and fast switching speed.
Applications
Control Switch for DC-DC Buck converters
Notebook Vcore
Telecom / Networking Point of Load
Features
13 A, 30 V.
RDS(ON) = 9 mΩ @ VGS = 10 V
RDS(ON) = 12 mΩ @ VGS = 4.5 V
Low gate charge (10nC @ VGS=5V)
Very low Miller Charge (3nC)
Low Rg (1 Ohm)
ROHS Compliant
S
D
S
S
SO-8
D
D
D
G
D
D
D
D
S
S
S
G
Pin 1
SO-8
4
3
2
1
5
6
7
8
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
Drain Current – Continuous
(Note 1a)
13
ID
– Pulsed
50
A
Power Dissipation for Single Operation
(Note 1a)
3.0
PD
Power Dissipation for Single Operation
(Note 1b)
1.2
W
EAS
Single Pulse Avalanche Energy
(Note 3)
181
mJ
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
125
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6298
FDS6298
13’’
12mm
2500 units
tm
April 2007


Similar Part No. - FDS6298

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6298 FAIRCHILD-FDS6298 Datasheet
311Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
logo
Analog Devices
FDS6298 AD-FDS6298 Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
More results

Similar Description - FDS6298

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6694 FAIRCHILD-FDS6694 Datasheet
65Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6298 FAIRCHILD-FDS6298 Datasheet
311Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294_07 Datasheet
372Kb / 6P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294 Datasheet
139Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDD6296 FAIRCHILD-FDD6296 Datasheet
105Kb / 6P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294 Datasheet
373Kb / 6P
   30V N-Channel Fast Switching PowerTrench
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com