Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5140S Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBSS5140S
Description  40 V low VCEsat PNP transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5140S Datasheet(HTML) 6 Page - NXP Semiconductors

  PBSS5140S Datasheet HTML 1Page - NXP Semiconductors PBSS5140S Datasheet HTML 2Page - NXP Semiconductors PBSS5140S Datasheet HTML 3Page - NXP Semiconductors PBSS5140S Datasheet HTML 4Page - NXP Semiconductors PBSS5140S Datasheet HTML 5Page - NXP Semiconductors PBSS5140S Datasheet HTML 6Page - NXP Semiconductors PBSS5140S Datasheet HTML 7Page - NXP Semiconductors PBSS5140S Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2001 Nov 15
6
Philips Semiconductors
Product specification
40 V low VCEsat PNP transistor
PBSS5140S
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.40
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
2.5
b1
0.66
0.56
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43
97-02-28
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


Similar Part No. - PBSS5140S

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
PBSS5140S FOSHAN-PBSS5140S Datasheet
764Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
More results

Similar Description - PBSS5140S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5140T PHILIPS-PBSS5140T Datasheet
68Kb / 9P
   40 V low VCEsat PNP transistor
2004 Jan 07
PBSS5240Y PHILIPS-PBSS5240Y_15 Datasheet
125Kb / 7P
   40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5240V PHILIPS-PBSS5240V_15 Datasheet
368Kb / 9P
   40 V low VCEsat PNP transistor
2003 Jan 30
logo
Nexperia B.V. All right...
PBSS5140V NEXPERIA-PBSS5140V Datasheet
466Kb / 8P
   40 V low VCEsat PNP transistor
2002 Mar 20
logo
NXP Semiconductors
PBSS3540F PHILIPS-PBSS3540F Datasheet
62Kb / 8P
   40 V low VCEsat PNP transistor
2001 Jul 13
PBSS5240V NXP-PBSS5240V Datasheet
368Kb / 9P
   40 V low VCEsat PNP transistor
2003 Jan 30
PBSS5240Y NXP-PBSS5240Y Datasheet
125Kb / 7P
   40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5240V PHILIPS-PBSS5240V Datasheet
82Kb / 12P
   40 V low VCEsat PNP transistor
2003 Jan 30
logo
Nexperia B.V. All right...
PBSS5240Y NEXPERIA-PBSS5240Y Datasheet
324Kb / 8P
   40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5540Z-Q NEXPERIA-PBSS5540Z-Q Datasheet
222Kb / 10P
   40 V low VCEsat PNP transistor
30 November 2021
logo
NXP Semiconductors
PBSS5140D PHILIPS-PBSS5140D Datasheet
61Kb / 8P
   40 V low VCEsat PNP transistor
2001 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com