Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X98017L128-3.3 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X98017L128-3.3
Description  170MHz Triple Video Digitizer with Digital PLL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X98017L128-3.3 Datasheet(HTML) 2 Page - Intersil Corporation

  X98017L128-3.3 Datasheet HTML 1Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 2Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 3Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 4Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 5Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 6Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 7Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 8Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
FN8218.3
March 8, 2006
Block Diagram
Ordering Information
PART NUMBER
PART MARKING
MAXIMUM PIXEL
RATE
TEMP RANGE
(°C)
PACKAGE
X98017L128-3.3
X98017L-3.3
170MHz
0 to 70
128 MQFP
X98017L128-3.3-Z (See Note)
X98017L-3.3Z
170MHz
0 to 70
128 MQFP (Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
G
IN1
RGB
GND1
G
IN2
RGB
GND2
V
IN+
V
IN-
PGA
8 bit ADC
+
V
CLAMP
R
IN1
R
IN2
V
IN+
V
IN-
PGA
8 bit ADC
+
V
CLAMP
B
IN1
B
IN2
V
IN+
V
IN-
PGA
8 bit ADC
+
V
CLAMP
Offset
DAC
Offset
DAC
Offset
DAC
ABLC™
ABLC™
ABLC™
8
10
8
10
8
10
8
B
S[7:0]
8
B
P[7:0]
8
G
S[7:0]
8
G
P[7:0]
8
R
S[7:0]
8
R
P[7:0]
SOG
IN1
SOG
IN2
HSYNC
IN1
HSYNC
IN2
VSYNC
IN1
VSYNC
IN2
CLOCKINV
XTAL
IN
XTAL
OUT
SCL
SDA
SADDR
Sync
Processing
Digital PLL
AFE Configuration
and Control
DATACLK
DATACLK
HS
OUT
VS
OUT
Serial
Interface
HSYNC
OUT
VSYNC
OUT
XTALCLK
OUT
X98017


Similar Part No. - X98017L128-3.3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X98017L128-3.3 INTERSIL-X98017L128-3.3 Datasheet
295Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
X98017L128-3.3 RENESAS-X98017L128-3.3 Datasheet
1Mb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
X98017L128-3.3 INTERSIL-X98017L128-3.3 Datasheet
443Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
March 8, 2006
X98017L128-3.3-Z INTERSIL-X98017L128-3.3-Z Datasheet
295Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
X98017L128-3.3-Z RENESAS-X98017L128-3.3-Z Datasheet
1Mb / 29P
   170MHz Triple Video Digitizer with Digital PLL
More results

Similar Description - X98017L128-3.3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X98017 INTERSIL-X98017 Datasheet
295Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
X98017 RENESAS-X98017 Datasheet
1Mb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
X98017 INTERSIL-X98017_14 Datasheet
443Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
March 8, 2006
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98001 INTERSIL-ISL98001_06 Datasheet
488Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com