Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8433A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDS8433A
Description  Single P-Channel 2.5V Specified MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8433A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS8433A_00 Datasheet HTML 1Page - Fairchild Semiconductor FDS8433A_00 Datasheet HTML 2Page - Fairchild Semiconductor FDS8433A_00 Datasheet HTML 3Page - Fairchild Semiconductor FDS8433A_00 Datasheet HTML 4Page - Fairchild Semiconductor FDS8433A_00 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDS8433A Rev. C
Typical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage.
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation
with Gate-to-Source Voltage.
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= -4.5V
GS
I = -5A
D
0123
45
0
10
20
30
40
50
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
-2.5V
-3.5V
-3.0V
V
= -4.5V
GS
-1.5V
-2.0V
0
1020
304050
0.8
1
1.2
1.4
1.6
1.8
2
- I
, DRAI N CURRENT (A)
V
= -2 .0 V
GS
D
-4 .0 V
-4 .5 V
-2 .5 V
-3 .5 V
-3 .0 V
0
0.2
0.4
0.6
0.8
1
1.2
0.001
0.01
0.1
1
3
10
-V
, BODY DIODE F ORWARD VOLTAGE (V)
25° C
-55° C
V
= 0V
GS
SD
T =1 25° C
J
0.4
0.8
1.2
1.6
2
0
2
4
6
8
10
-V
, GATE TO SOURCE VOLTAGE (V)
V
= -5V
DS
GS
125° C
25°C
T = -55° C
J
123
45
0
0. 03
0. 06
0. 09
0. 12
0. 15
-V
, GATE TO SOURCE VOLT AG E (V)
GS
I = -2.5A
D
T = 1 25° C
J
25° C


Similar Part No. - FDS8433A_00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8433A FAIRCHILD-FDS8433A Datasheet
196Kb / 8P
   Single P-Channel 2.5V Specified MOSFET
More results

Similar Description - FDS8433A_00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8433A FAIRCHILD-FDS8433A Datasheet
196Kb / 8P
   Single P-Channel 2.5V Specified MOSFET
FDN336P FAIRCHILD-FDN336P Datasheet
64Kb / 5P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDS6375 FAIRCHILD-FDS6375 Datasheet
194Kb / 8P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDN336P FAIRCHILD-FDN336P_05 Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDY101PZ FAIRCHILD-FDY101PZ Datasheet
124Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
SI9424DY FAIRCHILD-SI9424DY Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDS9431A FAIRCHILD-FDS9431A_10 Datasheet
364Kb / 5P
   P-Channel 2.5V Specified MOSFET
FDS9431A FAIRCHILD-FDS9431A Datasheet
204Kb / 8P
   P-Channel 2.5V Specified MOSFET
FDR836P FAIRCHILD-FDR836P Datasheet
224Kb / 8P
   P-Channel 2.5V Specified MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com