Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8670 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS8670
Description  30V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8670 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS8670 Datasheet HTML 1Page - Fairchild Semiconductor FDS8670 Datasheet HTML 2Page - Fairchild Semiconductor FDS8670 Datasheet HTML 3Page - Fairchild Semiconductor FDS8670 Datasheet HTML 4Page - Fairchild Semiconductor FDS8670 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDS8670 Rev C (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250 µA
30
V
BVDSS
TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
39
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V,
VGS = 0 V
1
µA
IGSS
Gate–Body Leakage
VGS = ±20 V,
VDS = 0 V
±100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 µA
1
1.4
3
V
VGS(th)
TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
–5
mV/°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 21 A
VGS = 4.5 V,
ID = 18 A
VGS=10 V, ID =21 A, TJ=125°C
3.3
4.2
4.4
3.7
5.0
5.5
mΩ
gFS
Forward Transconductance
VDS = 10 V,
ID = 21 A
118
S
Dynamic Characteristics
Ciss
Input Capacitance
4040
pF
Coss
Output Capacitance
1730
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
160
pF
RG
Gate Resistance
f = 1.0 MHz
0.2
0.9
1.5
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
12
21
ns
tr
Turn–On Rise Time
11
20
ns
td(off)
Turn–Off Delay Time
56
90
ns
tf
Turn–Off Fall Time
VDD = 15 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6 Ω
68
108
ns
Qg(TOT)
Total Gate Charge at VGS = 10V
58.5
82
nC
Qg(TOT)
Total Gate Charge at VGS = 5V
30
42
nC
Qgs
Gate–Source Charge
9.5
nC
Qgd
Gate–Drain Charge
VDD = 15 V, ID = 21 A
5.5
nC
Drain–Source Diode Characteristics and Maximum Ratings
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V, IS = 2.1 A
(Note 2)
0.7
1.2
V
trr
Diode Reverse Recovery Time
51
ns
IRM
Diode Reverse Recovery Current
1.5
A
Qrr
Diode Reverse Recovery Charge
IF = 21 A,
dIF/dt = 100 A/µs
37
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. R
θ
JC is guaranteed by design while RθCA is determined by the user's board design.
a) 50°/W when
mounted on a 1 in2
pad of 2 oz copper
b) 105°/W when
mounted on a .04 in2
pad of 2 oz copper
c) 125°/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%


Similar Part No. - FDS8670

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8670 FAIRCHILD-FDS8670 Datasheet
118Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDS8670 FAIRCHILD-FDS8670 Datasheet
1Mb / 5P
   30V N-Channel PowerTrench MOSFET
FDS8670 FAIRCHILD-FDS8670_08 Datasheet
1Mb / 5P
   30V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS8670

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com