Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDY3000NZ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDY3000NZ
Description  Dual N-Channel 2.5V Specified PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDY3000NZ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDY3000NZ_07 Datasheet HTML 1Page - Fairchild Semiconductor FDY3000NZ_07 Datasheet HTML 2Page - Fairchild Semiconductor FDY3000NZ_07 Datasheet HTML 3Page - Fairchild Semiconductor FDY3000NZ_07 Datasheet HTML 4Page - Fairchild Semiconductor FDY3000NZ_07 Datasheet HTML 5Page - Fairchild Semiconductor FDY3000NZ_07 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
January 2007
2007 Fai
rchi
l
dSemi
conductor Corporati
on
www.fai
rchi
l
dsemi
.
com
FDY3000NZ RevB
FDY3000NZ
DualN-Channel2.5V Specifi
ed PowerTrench MOSFET
GeneralDescri
pti
on
Thi
s Dual N-Channel MOSFET has been desi
gned
usi
ng Fai
rchi
l
d Semi
conduct
or’
s advanced Power
Trenchprocesst
o opt
i
mi
zet
heRDS(ON)@ VGS = 2.5v.
Appl
i
cati
ons
Li
-Ion Bat
t
ery Pack
Features
600 mA,20 V RDS(ON)= 700 m
@ VGS = 4.5 V
RDS(ON)= 850 m
@ VGS = 2.5 V
ESD prot
ect
i
on di
ode(not
e3)
RoHS Compl
i
ant
Absol
uteMaxi
m um Ratings T
A=25
oC unlessotherwisenoted
Sym bol
Param eter
Rati
ngs
Uni
ts
VDSS
Drai
n-SourceVol
t
age
20
V
VGSS
Gat
e-SourceVol
t
age
12
V
ID
Drai
n Current –Cont
i
nuous
(Not
e1a)
600
mA
–Pul
sed
1000
PD
Power Di
ssi
pat
i
on (St
eady St
at
e)
(Not
e1a)
625
mW
(Not
e1b)
446
TJ,TSTG
Operat
i
ngandStorageJunct
i
on Temperat
ure
Range
–55 t
o +150
C
Therm alCharacteri
stics
R JA
ThermalResi
st
ance,Junct
i
on-t
o-Ambi
ent (Note1a)
200
C/
W
R JA
ThermalResi
st
ance,Junct
i
on-t
o-Ambi
ent (Note1b)
280
PackageMarki
ng and Orderi
ng I
nform ati
on
Devi
ceMarking
Devi
ce
ReelSi
ze
Tapewi
dth
Quantity
C
FDY3000NZ
7’
8mm
3000 uni
t
s
1
3
5
2
4
6
S1
D1
G2
S2
D2
G1
4
6
5
3
1
2
tm
January 2007


Similar Part No. - FDY3000NZ_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDY3000NZ FAIRCHILD-FDY3000NZ Datasheet
122Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results

Similar Description - FDY3000NZ_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC6000NZ FAIRCHILD-FDC6000NZ Datasheet
174Kb / 7P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2512NZ FAIRCHILD-FDW2512NZ Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
267Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com