Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88022IU8FEZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL88022IU8FEZ
Description  Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/ Overvoltage Monitoring Capability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88022IU8FEZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL88022IU8FEZ Datasheet HTML 1Page - Intersil Corporation ISL88022IU8FEZ Datasheet HTML 2Page - Intersil Corporation ISL88022IU8FEZ Datasheet HTML 3Page - Intersil Corporation ISL88022IU8FEZ Datasheet HTML 4Page - Intersil Corporation ISL88022IU8FEZ Datasheet HTML 5Page - Intersil Corporation ISL88022IU8FEZ Datasheet HTML 6Page - Intersil Corporation ISL88022IU8FEZ Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
FN8226.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL88021, ISL88022
Triple Voltage Monitor with Adjustable
Power-On-Reset and Undervoltage/
Overvoltage Monitoring Capability
The ISL88021 and ISL88022 family of devices are
customizable triple voltage-monitoring supervisors that
assert a reset if any of the monitored voltages becomes
non-compliant. They offer popular functions such as
Power-On-Reset timing control with both RESET and
RESET outputs, Supply Voltage Supervision, both under or
overvoltage detection, and Manual Reset assertion. By
offering these features in a small 8 Ld MSOP package, the
ISL88021 and ISL88022 can lower system cost, reduce
board space requirements and increase the reliability of
systems.
Applying a voltage to VDD activates the Power-On-Reset
circuit which holds RESET low for an adjustable period of
time. This allows the power supply and system oscillator to
stabilize before the processor can execute code.
Low VDD detection circuitry protects the user’s system from
low voltage conditions, resetting the system when VDD falls
below its minimum preset voltage threshold VTH1. Reset
remains asserted until VDD returns to its proper operating
level and stabilizes. Two additional voltage monitoring
inputs, V2MON (preset) and V3MON (adjustable), monitor
other supplies to provide reliable system operation.
The ISL88021 V3MON input monitors for undervoltage (UV)
conditions whereas the ISL88022 V3MON input allows
monitoring for overvoltage (OV) conditions. The monitored
voltage on V3MON on either device is compared via a
resistor divider to a 600mV internal reference. Hence, any
voltage more or less positive than this reference can be
accurately monitored to meet specific system level
requirements or to fine-tune the threshold for applications
requiring higher precision.
These devices also let users increase the Power-On-Reset
time-out delay by connecting a capacitor between CPOR and
ground. This lengthens the period of an internal clock
counter thereby increasing the time between voltage
compliance and reset outputs signaling.
A manual reset input provides debounce circuitry for
minimum reset component count.
Features
• Triple Voltage Monitor and Reset Assertion
•Low VDD Detection and Reset Assertion
- Adjustable Reset Threshold Voltages
- 0.6V ±6mV Over -40°C to +85°C
- Reset Signal Valid to VDD = 1V
• 140ms Minimum Reset Pulse Delay that is Customizable
Using an External Capacitor
• Both RST and RST Outputs Available
• Undervoltage/Overvoltage Monitoring Capability
• Low 20µA Consumption
• Small 8 Ld MSOP Package
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Process Control Systems
• Intelligent Instruments
• Embedded Control Systems
• Computer Systems
• Portable/Battery-Powered Equipment
• Multi-Voltage Systems
Pinout
ISL88021, ISL88022
(8 LD MSOP)
TOP VIEW
1
2
3
4
8
7
6
5
VDD
V2MON
GND
RST
RST
CPOR
V3MON
MR
Data Sheet
September 18, 2006


Similar Part No. - ISL88022IU8FEZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88022IU8FEZ RENESAS-ISL88022IU8FEZ Datasheet
454Kb / 8P
   Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/Overvoltage Monitoring Capability
More results

Similar Description - ISL88022IU8FEZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88021 RENESAS-ISL88021 Datasheet
454Kb / 8P
   Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/Overvoltage Monitoring Capability
logo
Maxim Integrated Produc...
MAX16126EVKIT MAXIM-MAX16126EVKIT Datasheet
462Kb / 10P
   Adjustable Undervoltage and Overvoltage Thresholds
Rev 1; 7/16
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011 Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
ISL88011_0602 INTERSIL-ISL88011_0602 Datasheet
270Kb / 11P
   5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88011 RENESAS-ISL88011 Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Texas Instruments
TPS3702 TI1-TPS3702 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3702-Q1 TI1-TPS3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3703-Q1 TI1-TPS3703-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI1-TPS3703-Q1_19 Datasheet
1Mb / 27P
[Old version datasheet]   Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI-TPS3703-Q1_V03 Datasheet
2Mb / 37P
[Old version datasheet]   Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com