Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9C103SI Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9C103SI
Description  Digitally Controlled Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C103SI Datasheet(HTML) 4 Page - Intersil Corporation

  X9C103SI Datasheet HTML 1Page - Intersil Corporation X9C103SI Datasheet HTML 2Page - Intersil Corporation X9C103SI Datasheet HTML 3Page - Intersil Corporation X9C103SI Datasheet HTML 4Page - Intersil Corporation X9C103SI Datasheet HTML 5Page - Intersil Corporation X9C103SI Datasheet HTML 6Page - Intersil Corporation X9C103SI Datasheet HTML 7Page - Intersil Corporation X9C103SI Datasheet HTML 8Page - Intersil Corporation X9C103SI Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN8222.1
December 20, 2006
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65°C to +135°C
Storage temperature ......................... -65°C to +150°C
Voltage on CS, INC, U/D and VCC
with respect to VSS .................................. -1V to +7V
Voltage on VH/RH and VL/RL
referenced to VSS ................................... -8V to +8V
ΔV = |VH/RH - VL/RL|
X9C102 ...............................................................4V
X9C103, X9C503, and X9C104 ......................... 10V
Lead temperature (soldering, 10 seconds)...... +300°C
IW (10 seconds).................................................8.8mA
Power rating X9C102 ........................................ 16mW
Power rating X9C103/104/503 .......................... 10mW
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
POTENTIOMETER CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = [VW(n)(actual) - VW(n)(expected )] = ±1 MI Maximum.
(2) Relative linearity is a measure of the error in step size between taps = VW(n + 1) - [VW(n) + MI] = +0.2 MI.
(3) 1 MI = Minimum Increment = RTOT/99
(4) Typical values are for TA = +25°C and nominal supply voltage.
(5) This parameter is not 100% tested.
Symbol
Parameter
Limits
Unit
Test Conditions/Notes
Min.
Typ.
Max.
RTOTAL
End to end resistance variation
-20
+20
%
VVH/RH
VH terminal voltage
-5
+5
V
VVL/RL
VL terminal voltage
-5
+5
V
IW
Wiper current
-4.4
4.4
mA
RW
Wiper resistance
40
100
Ω
Wiper Current = ±1mA
Noise (5)
-120
dBV
Ref. 1kHz
Resolution
1
%
Absolute linearity(1)
-1
+1
MI(3)
VW(n)(actual) - VW(n)(expected)
Relative linearity(2)
-0.2
+0.2
MI(3)
VW(n + 1)(actual) - [VW(n) + MI]
RTOTAL temperature coefficient
±300(5)
ppm/°C X9C103/503/104
RTOTAL temperature coefficient
±600(5)
ppm/°C X9C102
Ratiometric temperature coefficient
±20
ppm/°C
CH/CL/CW
(5)
Potentiometer capacitances
10/10/25
pF
See Circuit #3, Macro Model
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
+70°C
Industrial
-40°C
+85°C
Supply Voltage (VCC)
Limits
X9C102/103/104/503
5V ±10%
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C103SI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C103SI XICOR-X9C103SI Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9C103SI INTERSIL-X9C103SI Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C103SI INTERSIL-X9C103SI Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103SI INTERSIL-X9C103SI Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103SI INTERSIL-X9C103SI Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C103SI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com