Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL96017WIRT8Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL96017WIRT8Z
Description  128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL96017WIRT8Z Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL96017WIRT8Z Datasheet HTML 3Page - Intersil Corporation ISL96017WIRT8Z Datasheet HTML 4Page - Intersil Corporation ISL96017WIRT8Z Datasheet HTML 5Page - Intersil Corporation ISL96017WIRT8Z Datasheet HTML 6Page - Intersil Corporation ISL96017WIRT8Z Datasheet HTML 7Page - Intersil Corporation ISL96017WIRT8Z Datasheet HTML 8Page - Intersil Corporation ISL96017WIRT8Z Datasheet HTML 9Page - Intersil Corporation ISL96017WIRT8Z Datasheet HTML 10Page - Intersil Corporation ISL96017WIRT8Z Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN8243.1
April 17, 2006
Principles of Operation
This device combines a DCP, 16kbit non-volatile memory,
and an I2C serial interface providing direct communication
between a host and the DCP and memory.
DCP Description
The DCP has 10k
Ω or 50kΩ nominal total resistance and
128 taps. It is implemented with a combination of resistor
elements and CMOS switches. The physical ends of the
DCP, the RH and RL pins, are equivalent to the fixed
terminals of a mechanical potentiometer. The RW pin is
connected to intermediate nodes, and it is equivalent to the
wiper terminal of a mechanical potentiometer. The position
of the wiper terminal within the DCP is controlled by a 7-bit
volatile DCP Register. When the DCP Register contains all
zeroes (00 hex, or “R0”), its wiper terminal, RW, is closest to
its RL terminal. When the DCP Register contains all ones
(7F hex, or “R127”), its wiper terminal is closest to its RH
terminal. As the value of the DCP Register increases from all
zeroes to all ones, the wiper moves monotonically from the
position closest to RL to the closest to RH. Therefore, the
resistance between RH and RW decreases monotonically
from R0 to R127, while the resistance between RW and RL
increases monotonically from R127 to R0.
While the device is being powered up, the DCP Register is
reset to 40 hex (64 decimal). Soon after the power supply
voltage becomes large enough for reliable non-volatile
memory reading, the device reads the value stored on the
non-volatile Initial Value Register (IVR) and loads it into the
DCP Register.
Memory Description
This device contains 2048 non-volatile bytes organized in
128 pages of 16 bytes each. This allows writing 16 bytes on
a single I2C interface operation, followed by a single internal
non-volatile write cycle. The memory is accessed by I2C
interface operations with addresses 000 hex through 7FF hex.
Bytes at addresses 000 hex through 7FB hex are available
to the user as general purpose memory. The byte at address
7FF hex, IVR, contains the initial value loaded at power-up
into the volatile DCP Register. The byte at address 7FE hex
controls the access to the DCP byte (See “Access to DCP
Register and IVR”). Bytes at addresses 7FC hex and 7FD
hex, are reserved, which means that they should not be
written, and their value should be ignored if they are read.
(See Table 1).
Access to DCP Register and IVR
The volatile DCP Register and the non-volatile (IVR) can be
read or written directly using the I2C serial interface, with
Address Byte 07FF hex.
The MSB of the byte at address 7FE hex is called
“OnlyVolatile” and controls the access to the DCP Register
and IVR. This bit is volatile and it’s reset to “0” at power up.
The Data Byte read from memory address 7FF hex, is from
the DCP register when the “OnlyVolatile” bit is “1”, and from
the IVR when this bit is “0”.
The Data Byte of a Write operation to memory address 7FF
hex is written only to the DCP Register when the
“OnlyVolatile” bit is “1”, and it’s written to both the DCP
Register and the IVR when this bit is “0”.
When writing to the “OnlyVolatile” bit at address 7FE hex,
the seven LSBs of the Data Byte must be all zeros.
Writing to address 7FE hex and 7FF hex can be done in two
Write operations, or one Write operation with two Data
Bytes.
See next sections for interface protocol description.
TABLE 1. ISL96017 MEMORY MAP
Address
Data Bits
Function
7FFh
0
D6 D5 D4 D3 D2 D1 D0
IVR, DCP
7FEh OV
0000
000
Access Control
7FDh
Reserved
7FCh
Reserved
7FBh D7 D6 D5 D4 D3 D2 D1 D0 General Purpose Memory
000h
Note: OV = “Only Volatile”. All other bits in register 7FEh must be 0.
ISL96017


Similar Part No. - ISL96017WIRT8Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL96017WIRT8Z RENESAS-ISL96017WIRT8Z Datasheet
722Kb / 13P
   128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
More results

Similar Description - ISL96017WIRT8Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL96017 RENESAS-ISL96017 Datasheet
722Kb / 13P
   128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
logo
Asahi Kasei Microsystem...
AK6004A AKM-AK6004A_02 Datasheet
164Kb / 16P
   I2C bus 4K / 16Kbit Serial CMOS EEPROM
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
logo
STMicroelectronics
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
logo
ON Semiconductor
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
logo
Microchip Technology
24LC00-I-SN MICROCHIP-24LC00-I-SN Datasheet
380Kb / 24P
   128-Bit I2C??Bus Serial EEPROM
2007
24AA00 MICROCHIP-24AA00_11 Datasheet
788Kb / 34P
   128-Bit I2C??Bus Serial EEPROM
08/02/11
24LC00T MICROCHIP-24LC00T Datasheet
312Kb / 24P
   128-Bit I2C Bus Serial EEPROM
12/08/06
logo
Asahi Kasei Microsystem...
AK6416C AKM-AK6416C Datasheet
139Kb / 14P
   16Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com