Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40430 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X40430
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40430 Datasheet(HTML) 4 Page - Intersil Corporation

  X40430 Datasheet HTML 1Page - Intersil Corporation X40430 Datasheet HTML 2Page - Intersil Corporation X40430 Datasheet HTML 3Page - Intersil Corporation X40430 Datasheet HTML 4Page - Intersil Corporation X40430 Datasheet HTML 5Page - Intersil Corporation X40430 Datasheet HTML 6Page - Intersil Corporation X40430 Datasheet HTML 7Page - Intersil Corporation X40430 Datasheet HTML 8Page - Intersil Corporation X40430 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
FN8251.1
May 24, 2006
X40434V14-A
X40434V A
1.3 to 5.5
4.6V ±50mV
1.3V ±50mV
3.1V ±50mV
0 to 70
14 Ld TSSOP
(4.4mm)
M14.173
X40434V14Z-A
(Note)
X40434V ZA
0 to 70
14 Ld TSSOP
(4.4mm) (Pb-free)
M14.173
X40434V14I-A
X40434V IA
-40 to +85
14 Ld TSSOP
(4.4mm)
M14.173
X40434V14IZ-A
(Note)
X40434VZIA
-40 to +85
14 Ld TSSOP
(4.4mm) (Pb-free)
M14.173
X40430S14-A
X40430S A
1.7 to 5.5
2.9V ±50mV
1.7V ±50mV
0 to 70
14 Ld SOIC (150 mil) M14.15
X40430S14Z-A
(Note)
X40430S ZA
0 to 70
14 Ld SOIC (150 mil)
(Pb-free)
M14.15
X40430S14I-A
X40430S IA
-40 to +85
14 Ld SOIC (150 mil) M14.15
X40430S14IZ-A
(Note)
X40430S ZIA
-40 to +85
14 Ld SOIC (150 mil)
(Pb-free)
M14.15
X40430V14-A
X4043 0VA
0 to 70
14 Ld TSSOP
(4.4mm)
M14.173
X40430V14Z-A
(Note)
X40430V ZA
0 to 70
14 Ld TSSOP
(4.4mm) (Pb-free)
M14.173
X40430V14I-A
X4043 0VIA
-40 to +85
14 Ld TSSOP
(4.4mm)
M14.173
X40430V14IZ-AT1
(Note)
X4043 0VZIA
-40 to +85
14 Ld TSSOP Tape
and Reel (4.4mm)
(Pb-free)
M14.173
PART NUMBER WITH RESET
X40431S14-C
X40431S C
1.7 to 3.6
2.9V ±50mV
2.2V ±50mV
1.7V ±50mV
0 to 70
14 Ld SOIC (150 mil) M14.15
X40431S14I-C
X40431S IC
-40 to +85
14 Ld SOIC (150 mil) M14.15
X40431V14-C
X40431V C
0 to 70
14 Ld TSSOP
(4.4mm)
M14.173
X40431V14I-C
X40431 IC
-40 to +85
14 Ld TSSOP
(4.4mm)
M14.173
X40431S14-B
X40431S B
1.7 to 5.5
4.4V ±50mV
2.6V ±50mV
0 to 70
14 Ld SOIC (150 mil) M14.15
X40431S14Z-B
(Note)
X40431S ZB
0 to 70
14 Ld SOIC (150 mil)
(Pb-free)
M14.15
X40431S14I-B
X40431S IB
-40 to +85
14 Ld SOIC (150 mil) M14.15
X40431S14IZ-B
(Note)
X40431S ZIB
-40 to +85
14 Ld SOIC (150 mil)
(Pb-free)
M14.15
X40431V14-B
X40431V B
0 to 70
14 Ld TSSOP
(4.4mm)
M14.173
X40431V14Z-B
(Note)
X40431V ZB
0 to 70
14 Ld TSSOP
(4.4mm) (Pb-free)
M14.173
X40431V14I-B
X40431V IB
-40 to +85
14 Ld TSSOP
(4.4mm)
M14.173
X40431V14IZ-B
(Note)
X40431V ZIB
-40 to +85
14 Ld TSSOP
(4.4mm) (Pb-free)
M14.173
X40435S14-C
X40435 C
1.0 to 5.5
4.6V ±50mV
1.0V ±50mV
2.9V ±50mV
0 to 70
14 Ld SOIC (150 mil) M14.15
X40435S14I-C
X40435 IC
-40 to +85
14 Ld SOIC (150 mil) M14.15
X40435V14-C
X40435 C
0 to 70
14 Ld TSSOP
(4.4mm)
M14.173
X40435V14I-C
X40435 IC
-40 to +85
14 Ld TSSOP
(4.4mm)
M14.173
Ordering Information (Continued)
PART NUMBER*
PART
MARKING
MONITORED
VCC RANGE
VTRIP1
RANGE
VTRIP2
RANGE
VTRIP3
RANGE
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
X40430, X40431, X40434, X40435


Similar Part No. - X40430

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Intersil Corporation
X40430S14-A INTERSIL-X40430S14-A Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Xicor Inc.
X40430S14-A XICOR-X40430S14-A Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40430

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com