Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJT44 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FJT44
Description  NPN Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJT44 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FJT44 Datasheet HTML 1Page - Fairchild Semiconductor FJT44 Datasheet HTML 2Page - Fairchild Semiconductor FJT44 Datasheet HTML 3Page - Fairchild Semiconductor FJT44 Datasheet HTML 4Page - Fairchild Semiconductor FJT44 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FJT44 Rev. B
tm
September 2006
FJT44
NPN Epitaxial Silicon Transistor
High Voltage Transistor
Absolute Maximum Ratings* T
a=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150
°C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics* T
a=25°C unless otherwise noted
* Device mounted on FR-4 PCB 36 mm X 18 mm X 1.5 mm. mounting pad for the collector lead min. 6 cm 2
Electrical Characteristics* T
a = 25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
500
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
300
mA
PC
Collector Dissipation
(Ta = 25 oC)
2
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature Range
- 55 ~ +150
°C
Symbol
Parameter
Value
Units
RθJA
Thermal Resistance, Junction to Ambient
62.5
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC = 100uA, IE = 0
500
V
BVCEO
Collector-Emitter Breakdown Voltage
IC = 1mA, IB = 0
400
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 100µA, IC = 0
6
V
ICBO
Collector-Base Cutoff Current
VCB = 400V IE = 0
100
nA
ICES
Collector-Emitter Cutoff Current
VCE = 400V, VBE = 0
500
nA
IEBO
Emitter-Base Cutoff Current
VCE = 4V, IC = 0
100
nA
hFE
DC Current Gain
VCE=10V, IC=1mA
VCE=10V, IC=10mA
VCE=10V, IC=50mA
VCE=10V, IC=100mA
40
50
45
40
200
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 1mA, IB = 0.1mA
IC = 10mA, IB = 1mA
IC = 50mA, IB = 5mA
0.4
0.5
0.75
V
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10mA, IB = 1mA
0.75
V
Cobo
Output Capacitance
VCB = 20V, IE = 0, f = 1MHz
7
pF
SOT-223
1
2
3
1. Base 2. Collector 3. Emitter


Similar Part No. - FJT44

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJT44 FAIRCHILD-FJT44 Datasheet
98Kb / 5P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
FJT44 ONSEMI-FJT44 Datasheet
230Kb / 7P
   NPN Epitaxial Silicon Transistor
October 2014 Rev. 1.1.0
logo
Fairchild Semiconductor
FJT44KTF FAIRCHILD-FJT44KTF Datasheet
121Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
FJT44KTF ONSEMI-FJT44KTF Datasheet
230Kb / 7P
   NPN Epitaxial Silicon Transistor
October 2014 Rev. 1.1.0
logo
Fairchild Semiconductor
FJT44TF FAIRCHILD-FJT44TF Datasheet
628Kb / 1P
   FAIRCHILD Small Signal Transistors
More results

Similar Description - FJT44

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com