Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6125 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6125
Description  Power Sequencing Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6125 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6125 Datasheet HTML 1Page - Intersil Corporation ISL6125 Datasheet HTML 2Page - Intersil Corporation ISL6125 Datasheet HTML 3Page - Intersil Corporation ISL6125 Datasheet HTML 4Page - Intersil Corporation ISL6125 Datasheet HTML 5Page - Intersil Corporation ISL6125 Datasheet HTML 6Page - Intersil Corporation ISL6125 Datasheet HTML 7Page - Intersil Corporation ISL6125 Datasheet HTML 8Page - Intersil Corporation ISL6125 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
FN9005.8
February 5, 2007
Absolute Maximum Ratings
Thermal Information
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.0V
GATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+6V
ISL6125 LOGIC OUT. . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
UVLO, ENABLE, ENABLE#, SYSRST# . . . . . . -0.3V to VDD +0.3V
RESET#, DLY_ON, DLYOFF . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Operating Conditions
VDD Supply Voltage Range . . . . . . . . . . . . . . . . . . . . +1.5V to +5.5V
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Notes 1, 2)
θJA (°C/W) θJC (°C/W)
4 x 4 QFN Package . . . . . . . . . . . . . . .
48
9
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . +125°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
(QFN - Leads Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
3. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications
VDD = 1.5V to +5V, TA = TJ = -40°C to +85°C, unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVLO
Falling Undervoltage Lockout Threshold
VUVLOvth
TJ = +25°C
619
633
647
mV
Undervoltage Lockout Threshold Tempco
TCUVLOvth
TJ = -40°C to +85°C
40
nV/°C
Undervoltage Lockout Hysteresis
VUVLOhys
10
mV
Undervoltage Lockout Threshold Range
RUVLOvth
Max VUVLOvth- Min VUVLOvth
7mV
Undervoltage Lockout Delay
TUVLOdel
ENABLE satisfied
10
ms
Transient Filter Duration
TFIL
VDD, UVLO, ENABLE glitch filter
30
μs
DELAY ON/OFF
Delay Charging Current
DLY_ichg
VDLY = 0V
0.92
1
1.08
μA
Delay Charging Current Range
DLY_ichg_r
DLY_ichg(max) - DLY_ichg(min)
0.08
μA
Delay Charging Current Temp. Coeff.
TC_DLY_ichg
0.2
nA/°C
Delay Threshold Voltage
DLY_Vth
1.238
1.266
1.294
V
Delay Threshold Voltage Temp. Coeff.
TC_DLY_Vth
0.2
mV/°C
ENABLE/ENABLE#, RESET# & SYSRST# I/O
ENABLE Threshold
VENh
1.2
V
ENABLE# Threshold
VENh
0.5 VDD
V
ENABLE/ENABLE# Hysteresis
VENh -VENl
Measured at VDD = 1.5V
0.2
V
ENABLE/ENABLE# Lockout Delay
TdelEN_LO
UVLO satisfied
10
ms
ENABLE/ENABLE# Input Capacitance
Cin_en
5
pF
RESET# Pull-up Voltage
Vpu_rst
VDD
V
RESET# Pull-Down Current
IRSTpd1
VDD = 1.5V, RST = 0.1V
5
mA
IRSTpd3
VDD = 3.3V, RST = 0.1V
13
mA
IRSTpd5
VDD = 5V, RST = 0.1V
17
mA
RESET# Delay after GATE High
TRSTdel
GATE = VDD+5V
160
ms
RESET# Output Low
VRSTl
Measured at VDD = 5V with 5k
pull-up resistors
0.1
V
RESET Output Capacitance
Cout_rst
10
pF
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130


Similar Part No. - ISL6125

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6125 INTERSIL-ISL6125 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6125 INTERSIL-ISL6125 Datasheet
747Kb / 23P
   Power Sequencing Controllers
ISL6125EVAL1Z INTERSIL-ISL6125EVAL1Z Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
logo
Renesas Technology Corp
ISL6125EVAL1Z RENESAS-ISL6125EVAL1Z Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
logo
Intersil Corporation
ISL6125IR INTERSIL-ISL6125IR Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
More results

Similar Description - ISL6125

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com