Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6520ACBZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6520ACBZ
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6520ACBZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6520ACBZ Datasheet HTML 4Page - Intersil Corporation ISL6520ACBZ Datasheet HTML 5Page - Intersil Corporation ISL6520ACBZ Datasheet HTML 6Page - Intersil Corporation ISL6520ACBZ Datasheet HTML 7Page - Intersil Corporation ISL6520ACBZ Datasheet HTML 8Page - Intersil Corporation ISL6520ACBZ Datasheet HTML 9Page - Intersil Corporation ISL6520ACBZ Datasheet HTML 10Page - Intersil Corporation ISL6520ACBZ Datasheet HTML 11Page - Intersil Corporation ISL6520ACBZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN9016.5
March 28, 2007
ISL6520A DC/DC Converter Application Circuit
Figure 8 shows an application circuit of a DC/DC Converter.
Detailed information on the circuit, including a complete
Bill-of-Materials and circuit board description, can be found
in Application Note AN9932.
Component Selection Notes:
CIN - Each 330mF 6.3WVDC, Sanyo 6TPB330M or Equivalent.
COUT - Each 330mF 6.3WVDC, Sanyo 6TPB330M or Equivalent.
D1 - 30mA Schottky Diode, MA732 or Equivalent
L1 - 3.1μH Inductor, Panasonic P/N ETQ-P6F2ROLFA or Equivalent.
Q1, Q2 - Intersil MOSFET; HUF76143.
FIGURE 8. 5V to 3.3V 15A DC/DC CONVERTER
+5V
VOUT
FB
COMP/OCSET
UGATE
PHASE
BOOT
VCC
GND
LGATE
+
5
7
6
3
2
1
8
4
ISL6520A
+
3.16k
Ω
L1
COUT
D1
0.1
μF
CIN
2 x 1
μF
Q1
Q2
U1
0.1
μF
MONITOR
AND
PROTECTION
REF
OSC
+
-
-
+
3 x 330
μF
2 x 330
μF
0.1
μF
1.00k
Ω
10.0k
Ω
470pF
8200pF
6.19k
Ω
60.4
Ω
18000pF
ISL6520A


Similar Part No. - ISL6520ACBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520ACBZ INTERSIL-ISL6520ACBZ Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACBZ INTERSIL-ISL6520ACBZ Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6520ACBZ RENESAS-ISL6520ACBZ Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520ACBZA INTERSIL-ISL6520ACBZA Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACBZA INTERSIL-ISL6520ACBZA Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6520ACBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com