Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450HXC47020SN30 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 450HXC47020SN30
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

450HXC47020SN30 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  450HXC47020SN30 Datasheet HTML 1Page - RUBYCON CORPORATION 450HXC47020SN30 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Case Size
φ D
× L(mm)
Ripple Current (A r.m.s./120Hz, 105°C)
820
680
560
470
390
270
330
1000
1200
1500
1800
2200
22
× 25
22
× 30
22
× 35
22
× 40
22
× 45
22
× 50
1.64
1.89
2.14
2.41
2.71
3.06
25
× 25
25
× 30
25
× 35
25
× 35
25
× 45
25
× 50
1.99
2.32
2.63
2.81
3.32
3.72
30
× 25
30
× 25
30
× 30
30
× 30
30
× 35
30
× 40
30
× 50
2.27
2.43
2.82
2.94
3.36
3.78
4.48
35
× 25
35
× 30
35
× 35
35
× 40
35
× 45
35
× 50
2.56
3.07
3.57
4.01
4.44
4.90
WV
Cap(
µ F)
Cap(
µ F)
Cap(
µ F)
φ D
WV
φ D
WV
φ D
φ 22
φ 25
φ 30
φ 35
φ 22
φ 25
φ 30
φ 35
φ 22
φ 25
φ 30
φ 35
200
220
180
150
120
100
82
270
330
390
470
560
22
× 30
22
× 35
22
× 40
22
× 45
22
× 50
0.81
0.99
1.19
1.43
1.60
25
× 25
25
× 30
25
× 35
25
× 40
25
× 45
25
× 50
0.99
1.19
1.43
1.61
1.83
2.06
30
× 25
30
× 30
30
× 35
30
× 40
30
× 45
30
× 50
1.41
1.61
1.84
2.10
2.36
2.62
35
× 30
35
× 35
35
× 40
35
× 45
35
× 50
2.00
2.29
2.56
2.86
3.15
400
180
150
120
100
82
68
220
270
330
390
470
22
× 30
22
× 35
22
× 40
22
× 45
0.67
0.81
0.99
1.19
25
× 25
25
× 30
25
× 35
25
× 40
25
× 45
25
× 50
0.81
0.99
1.19
1.49
1.68
1.89
30
× 25
30
× 30
30
× 35
30
× 40
30
× 45
30
× 50
1.19
1.49
1.70
1.92
2.18
2.45
35
× 25
35
× 30
35
× 35
35
× 40
35
× 45
35
× 50
1.61
35
× 25
1.49
1.85
2.12
2.41
2.67
2.97
450
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC
STANDARD SIZE, RATED RIPPLE CURRENT


Similar Part No. - 450HXC47020SN30

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
450HXG100MEFCSN20X35 RUBYCON-450HXG100MEFCSN20X35 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG120MEFCSN22X35 RUBYCON-450HXG120MEFCSN22X35 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG150MEFCSN30X25 RUBYCON-450HXG150MEFCSN30X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG180MEFCSN22X45 RUBYCON-450HXG180MEFCSN22X45 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG270MEFCSN30X35 RUBYCON-450HXG270MEFCSN30X35 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 450HXC47020SN30

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
VXR RUBYCON-VXR Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com