Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6123IR Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6123IR
Description  Power Sequencing Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6123IR Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6123IR Datasheet HTML 2Page - Intersil Corporation ISL6123IR Datasheet HTML 3Page - Intersil Corporation ISL6123IR Datasheet HTML 4Page - Intersil Corporation ISL6123IR Datasheet HTML 5Page - Intersil Corporation ISL6123IR Datasheet HTML 6Page - Intersil Corporation ISL6123IR Datasheet HTML 7Page - Intersil Corporation ISL6123IR Datasheet HTML 8Page - Intersil Corporation ISL6123IR Datasheet HTML 9Page - Intersil Corporation ISL6123IR Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN9005.8
February 5, 2007
Descriptions and Operation
The ISL612X sequencer family consists of several four
channel voltage sequencing controllers in various
functional and personality configurations. All are designed
for use in multiple-voltage systems requiring power
sequencing of various supply voltages. Individual voltage
rails are gated on and off by external N-Channel MOSFETs,
the gates of which are driven by an internal charge pump to
VDD +5.3V (VQP) in a user programmed sequence.
With the four-channel ISL6123 the ENABLE must be
asserted high and all four voltages to be sequenced must
be above their respective user programmed Under Voltage
Lock Out (UVLO) levels before programmed output turn on
sequencing can begin. Sequencing and delay
determination is accomplished by the choice of external
cap values on the DLY_ON and DLY_OFF pins. Once all
four UVLO inputs and ENABLE are satisfied for 10ms, the
four DLY_ON caps are simultaneously charged with 1µA
current sources to the DLY_Vth level of 1.27V. As each
DLY_ON pin reaches the DLY_Vth level its associated
GATE will then turn-on with a 1µA source current to the
VQP voltage of VDD+5.3V. Thus all four GATEs will
sequentially turn on. Once at DLY_Vth the DLY_ON pins
will discharge to be ready when next needed. After the
entire turn on sequence has been completed and all
GATEs have reached the charge pumped voltage (VQP), a
160ms delay is started to ensure stability after which the
RESET# output will be released to go high. Subsequent to
turn-on, if any input falls below its UVLO point for longer
than the glitch filter period (~30
μs) this is considered a
fault. RESET# and SYSRST# are pulled low and all GATEs
are simultaneously also pulled low. In this mode the GATEs
are pulled low with 88mA. Normal shutdown mode is
entered when no UVLO is violated and the ENABLE is
deasserted. When ENABLE is deasserted, RESET# is
asserted and pulled low. Next, all four shutdown ramp caps
on the DLY_OFF pins are charged with a 1
μA source and
when any ramp-cap reaches DLY_Vth, a latch is set and a
current is sunk on the respective GATE pin to turn off its
external MOSFET. When the GATE voltage is
approximately 0.6V, the GATE is pulled down the rest of the
way at a higher current level. Each individual external FET
is thus turned off removing the voltages from the load in the
programmed sequence.
SYSRST# Pull-Up Voltage
Vpu_srst
VDD
V
SYSRST# Pull-Down Current
Ipu_1.5
VDD = 1.5V
5
μA
Ipu_5
VDD = 5V
100
μA
SYSRST# Low Output Voltage
Vol_srst
VDD = 1.5V, IOUT = 100μA150
mV
SYSRST# Output Capacitance
Cout_srst
10
pF
SYSRST# Low to GATE Turn-Off
TdelSYS_G
GATE = 80% of VDD+5V
40
ns
GATE
GATE Turn-On Current
IGATEon
GATE = 0V
0.8
1.1
1.4
μA
GATE Turn-Off Current
IGATEoff_l
GATE = VDD, Disabled
-1.4
-1.05
-0.8
μA
GATE Current Range
IGATE_range
Within IC IGATE max-min
0.35
μA
GATE Turn-On/Off Current Temp. Coeff.
TC_IGATE
0.2
nA/°C
GATE Pull-Down High Current
IGATEoff_h
GATE = VDD, UVLO = 0V
88
mA
GATE High Voltage
VGATEh
VDD < 2V, TJ = +25°C
VDD+4.9V
V
VGATEh
VDD > 2V
VDD+5V
VDD+5.3V
V
GATE Low Voltage
VGATEl
Gate Low Voltage, VDD = 1V
0
0.1
V
BIAS
IC Supply Current
IVDD_5V
VDD = 5V
0.20
0.5
mA
IVDD_3.3V
VDD = 3.3V
0.14
mA
IVDD_1.5V
VDD = 1.5V
0.10
mA
ISL6123, ISL6130 Stand By IC Supply
Current
IVDD_sb
VDD = 5V, ENABLE = 0V
1
μA
VDD Power On Reset
VDD_POR
1
V
Electrical Specifications
VDD = 1.5V to +5V, TA = TJ = -40°C to +85°C, unless otherwise specified. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130


Similar Part No. - ISL6123IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6123IR INTERSIL-ISL6123IR Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
ISL6123IR INTERSIL-ISL6123IR Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6123IRZA INTERSIL-ISL6123IRZA Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
ISL6123IRZA INTERSIL-ISL6123IRZA Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
logo
Renesas Technology Corp
ISL6123IRZA RENESAS-ISL6123IRZA Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
More results

Similar Description - ISL6123IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com