Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6126IR Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6126IR
Description  Power Sequencing Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6126IR Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6126IR Datasheet HTML 7Page - Intersil Corporation ISL6126IR Datasheet HTML 8Page - Intersil Corporation ISL6126IR Datasheet HTML 9Page - Intersil Corporation ISL6126IR Datasheet HTML 10Page - Intersil Corporation ISL6126IR Datasheet HTML 11Page - Intersil Corporation ISL6126IR Datasheet HTML 12Page - Intersil Corporation ISL6126IR Datasheet HTML 13Page - Intersil Corporation ISL6126IR Datasheet HTML 14Page - Intersil Corporation ISL6126IR Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
FN9005.8
February 5, 2007
Figures 9 and 10 illustrate the timing relationships between the
EN input, RESET#, DLY and GATE outputs and the VOUT
voltage for a single channel being turned on and off
respectively. RESET# is not shown in Figure 9 as it asserts
160ms after the last GATE goes high.
All IC family variants share similar function for DLY_X capacitor
charging, GATE and RESET# operation. Figures 11 through 14
illustrate the principal feature and functional differences for
each of the ISL6125, ISL6126, ISL6127 and ISL6128 variants.
Figure 11 features the ISL6125 open drain outputs being
sequenced on and off along with RESET# relationship which is
similar to all other family variants.
Figure 12 illustrates the independent input feature of the
ISL6126 which allows once the EN# is low for each UVLO to be
individually satisfied and for its associated GATE to turn-on.
Only when the last variable VIN is satisfied as shown does the
RESET# release to signal all input voltages are valid.
Figure 13 shows the ISL6127 pre-programmed ABCD on
DCBA off order of sequencing with minimal non-adjustable
delay between each.
Figure 14 demonstrates the independence of the redundant
two rail sequencer. It shows that either one of the two groups
can be turned off and the ABCD order of restart with
capacitor programmable delay once both EN inputs are
pulled low.
Using the ISL6125EVAL1 Platform
The ISL6125EVAL1 is the ISL6125 specific evaluation board
providing for easy evaluation of the ISL6125 with its unique
open drain outputs. The UVLO levels, sequence and delays
are programmed exactly like the other ISL612X ICs but the
ISL6125 has sequenced open drain outputs rather than
charge pumped driven GATE outputs. See Figure 16 for its
schematic and photograph.
Typical Performance Waveforms
FIGURE 7. ISL6124 SEQUENCED TURN-ON
FIGURE 8. ISL6124 SEQUENCED TURN-OFF
FIGURE 9. ISL6123 SINGLE CHANNEL TURN-ON
FIGURE 10. ISL6123 SINGLE CHANNEL TURN-OFF
1V/DIV
40ms/DIV
5VOUT
3.3VOUT
2.5VOUT
RESET#
ENABLE#
1.5VOUT
1V/DIV
20ms/DIV
5VOUT
3.3VOUTPUT
2.5VOUT
1.5VOUT
ENABLE#
10ms/DIV
GATE 2V/DIV
DLY_Vth
EN 2V/DIV
DLY_ON 1V/DIV
3.3VO 1V/DIV
TdelENLO
4ms/DIV
3.3VO 1V/DIV
RESET# 2V/DIV
GATE 2V/DIV
EN 2V/DIV
DLY_OFF 1V/DIV
DLY_Vth
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130


Similar Part No. - ISL6126IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6126IR INTERSIL-ISL6126IR Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
ISL6126IR INTERSIL-ISL6126IR Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6126IRZA INTERSIL-ISL6126IRZA Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
ISL6126IRZA INTERSIL-ISL6126IRZA Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
logo
Renesas Technology Corp
ISL6126IRZA RENESAS-ISL6126IRZA Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
More results

Similar Description - ISL6126IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com