Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6224CAZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6224CAZ
Description  Single Output Mobile-Friendly PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6224CAZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6224CAZ Datasheet HTML 5Page - Intersil Corporation ISL6224CAZ Datasheet HTML 6Page - Intersil Corporation ISL6224CAZ Datasheet HTML 7Page - Intersil Corporation ISL6224CAZ Datasheet HTML 8Page - Intersil Corporation ISL6224CAZ Datasheet HTML 9Page - Intersil Corporation ISL6224CAZ Datasheet HTML 10Page - Intersil Corporation ISL6224CAZ Datasheet HTML 11Page - Intersil Corporation ISL6224CAZ Datasheet HTML 12Page - Intersil Corporation ISL6224CAZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN9042.8
June 8, 2006
ISL6224 DC-DC Converter Application Circuits
Figure 5 shows an application circuit of a DC/DC converter
for a notebook PC. The power supply provides +V2_5S from
either +4V–24VDC battery voltage or system +5V bus. For
detailed information on the circuit, including a bill of materials
and circuit board description, see Application Note AN9983.
Also see Intersil’s web site (http://www.intersil.com) for the
latest information.
FIGURE 5. APPLICATION CIRCUIT FOR ONE-STEP CONVERSION (MODE 1)
GND
+5.6-24VIN
Q1
+V2_5S
VSEN
UGATE
PHASE
ISL6224
+
+
C1
C2
330µF
L1
1/2 FDS6912A
56µF
1µF
6.4µH
GND
3
7
10
13
2
1
11
15
PGND
LGATE
Q2
6
8
ISEN
Risen
TBD
9
C6
0.1µF
BOOT
VIN
12
EN
CR1
4
(3A)
0.015µF
14
PGOOD
C4
R4
SOFT
2/2 FDS6912A
+
VCC
33µF
C3
FCCM
16
+5.0VCC
5
VOUT
R2
TBD
R3
C5
C6
OCSET
ISL6224


Similar Part No. - ISL6224CAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6224CAZ INTERSIL-ISL6224CAZ Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Renesas Technology Corp
ISL6224CAZ RENESAS-ISL6224CAZ Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6224CAZ-T INTERSIL-ISL6224CAZ-T Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
ISL6224CAZA INTERSIL-ISL6224CAZA Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
ISL6224CAZA-T INTERSIL-ISL6224CAZA-T Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
More results

Similar Description - ISL6224CAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5234 FAIRCHILD-FAN5234_10 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com