Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6412IR-TK Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6412IR-TK
Description  Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6412IR-TK Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6412IR-TK Datasheet HTML 1Page - Intersil Corporation ISL6412IR-TK Datasheet HTML 2Page - Intersil Corporation ISL6412IR-TK Datasheet HTML 3Page - Intersil Corporation ISL6412IR-TK Datasheet HTML 4Page - Intersil Corporation ISL6412IR-TK Datasheet HTML 5Page - Intersil Corporation ISL6412IR-TK Datasheet HTML 6Page - Intersil Corporation ISL6412IR-TK Datasheet HTML 7Page - Intersil Corporation ISL6412IR-TK Datasheet HTML 8Page - Intersil Corporation ISL6412IR-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN9067.1
March 20, 2007
Absolute Maximum Ratings
Thermal Information
VIN, SHDN to GND/GND3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V
SET, CC, FAULT to GND/GND3 . . . . . . . . . . . . . . . . . -0.3V to 7.0V
Output Current (Continuous)
LDO1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 330mA
LDO2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225mA
LDO3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125mA
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
QFN Package (Notes 3, 4) . . . . . . . .
46
9
Maximum Junction Temperature (Plastic Package) -55°C to +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
Operating Temperature Range . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
4. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VIN = +3.3V, Compensation Capacitor = 33nF, TA = +25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL SPECIFICATIONS
VIN Voltage Range
3.0
3.3
3.6
V
Operating Supply Current
IOUT = 0mA
-
830
1125
μA
Shutdown Supply Current
SHDN = GND
-
5
10
μA
SHDN Input Threshold
VIH, VIN = 3V to 3.6V
2.0
-
-
V
VIL, VIN = 3V to 3.6V
-
-
0.4
V
Thermal Shutdown Temperature (Note 7)
145
150
160
°C
Thermal Shutdown Hysteresis (Note 7)
-
20
-
°C
Start-up Time (Note 7)
COUT = 10μF, VOUT = 90% of final
value
-
120
-
μs
Input Undervoltage Lockout
Rising 75mV Hysteresis
2.4
2.45
2.6
V
LDO1 SPECIFICATIONS
Output Voltage (VOUT1)
-1.8
-
V
Output Voltage Initial Accuracy
IOUT = 10mA, TA = -40°C to 85°C
-2.0
-
2.0
%
Line Regulation
VIN = 3.0V to 3.6V, IOUT = 10mA
-0.15
0.0
0.15
%/V
Load Regulation
IOUT = 10mA to 330mA
-1.5
-
1.5
%
Maximum Output Current (IOUT1) (Note 7)
330
-
-
mA
Output Current Limit (Note 7)
500
600
1105
mA
Output Voltage Noise (Note 7)
10Hz < f < 100kHz, COUT = 4.7μF,
IOUT = 50mA
-115
-
μVRMS
LDO2 SPECIFICATIONS
Output Voltage (VOUT2)
-2.8
-
V
Output Voltage Accuracy
IOUT = 10mA, TA = -40°C to 85°C
-2.0
-
2.0
%
Maximum Output Current (IOUT2) (Note 7)
VIN = 3.6V
225
-
-
mA
Output Current Limit (Note 7)
330
-
900
mA
Dropout Voltage (Notes 5, 7)
IOUT = 225mA
-
125
160
mV
Line Regulation
VIN = 3.0V to 3.6V, IOUT = 10mA
-0.15
0.0
0.15
%/V
Load Regulation
IOUT = 10mA to 225mA
-
0.2
1.0
%
ISL6412


Similar Part No. - ISL6412IR-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6412IR-TK INTERSIL-ISL6412IR-TK Datasheet
182Kb / 10P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Renesas Technology Corp
ISL6412IR-TK RENESAS-ISL6412IR-TK Datasheet
540Kb / 11P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
More results

Similar Description - ISL6412IR-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6412 INTERSIL-ISL6412 Datasheet
182Kb / 10P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414 INTERSIL-ISL6414 Datasheet
368Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Renesas Technology Corp
ISL6414 RENESAS-ISL6414 Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6411 RENESAS-ISL6411 Datasheet
609Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Nov 24, 2003
ISL6412 RENESAS-ISL6412 Datasheet
540Kb / 11P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6416 RENESAS-ISL6416 Datasheet
504Kb / 11P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Intersil Corporation
ISL6416 INTERSIL-ISL6416 Datasheet
160Kb / 3P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6411 INTERSIL-ISL6411 Datasheet
256Kb / 4P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
   LDO Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com