Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6444 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6444
Description  Dual PWM Controller with DDR Memory Option for Gateway Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6444 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6444 Datasheet HTML 7Page - Intersil Corporation ISL6444 Datasheet HTML 8Page - Intersil Corporation ISL6444 Datasheet HTML 9Page - Intersil Corporation ISL6444 Datasheet HTML 10Page - Intersil Corporation ISL6444 Datasheet HTML 11Page - Intersil Corporation ISL6444 Datasheet HTML 12Page - Intersil Corporation ISL6444 Datasheet HTML 13Page - Intersil Corporation ISL6444 Datasheet HTML 14Page - Intersil Corporation ISL6444 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN9069.3
April 12, 2007
Gate Control Logic
The gate control logic translates generated PWM signals
into gate drive signals providing necessary amplification,
level shift, and shoot-trough protection. Also, it bears some
functions that help to optimize the IC performance over a
wide range of the operational conditions. As MOSFET
switching time can very dramatically from type to type and
with the input voltage, the gate control logic provides
adaptive dead time by monitoring real gate waveforms of
both the upper and the lower MOSFETs.
Dual-Step Conversion
The ISL6444 dual channel controller can be used either in
power systems with a single-stage power conversion when
the battery power is converted into the desired output
voltage in one step, or in the systems where some
intermediate voltages are initially established. The choice of
the approach may be dictated by the overall system design
criteria or simply to be a matter of voltages available to the
system designer, like in the case of PCI card applications.
When the power input voltage is a regulated 5V or 3.3V
system bus, the feed-forward ramp may become too
shallow, which creates the possibility of duty-factor jitter
especially in a noisy environment. The noise susceptibility
when operating from low level regulated power sources can
be improved by connecting the VIN pin to ground via a
resistor. The internal pull-up current source of ~15
μA will
create a voltage drop across the resistor. If this voltage is
lower than 2.5V, the feed-forward ramp generator will be
internally reconnected from the VIN pin to the VCC pin and
the ramp slew rate will be doubled. Application circuits for
dual-step power conversion are presented in Figure 10.
Protections
The converter output is monitored and protected against
extreme overload, short circuit, overvoltage, and
undervoltage conditions.
A sustained overload on the output sets the PGOOD low and
latches-off the whole chip. The controller operation can be
restored by cycling the VCC voltage or an enable (EN) pin.
Overcurrent Protection
Both PWM controllers use the lower MOSFET’s
on-resistance -- rDS(ON) to monitor the current for
protection against shorted outputs. The sensed current
from the ISEN pin is compared with a current set by a
resistor connected from the OCSET pin to ground.
Where, IOC is a desired overcurrent protection threshold and
RCS is the value of the current sense resistor connected to
the ISEN pin.
If the lower MOSFET current exceeds the overcurrent
threshold, a pulse skipping circuit is activated. The upper
MOSFET will not be turned on as long as the sensed
current is higher then the threshold value. This limits the
current supplied by the DC voltage source. This condition
keeps on for eight clock cycles after the overcurrent
comparator was tripped for the first time. If after these first
eight clock cycles, the current exceeds the overcurrent
threshold again in a time interval of another eight clock
cycles, the overcurrent protection latches and disables the
chip. If the overcurrent condition goes away during the first
eight clock cycles, normal operation is restored and the
overcurrent circuit resets itself sixteen clock cycles after the
overcurrent threshold was exceeded the first time, Figure 6.
If load step is strong enough to pull output voltage lower
than the undervoltage threshold, the chip shuts down
immediately.
Because of the nature of the used current sensing
technique, and to accommodate wide range of the rDS(ON)
variation, the value of the overcurrent threshold should
represent overload current about 150%...180% of the
nominal value. If accurate current protection is desired, a
current sense resistor placed in series with the lower
MOSFET source may be used.
Overvoltage Protection
Should the output voltage increase over 115% of the normal
value due to the upper MOSFET failure, or other reasons,
the overvoltage protection comparator will force the
synchronous rectifier gate driver high. This action actively
pulls down the output voltage and eventually attempts to
blow the battery fuse. As soon as the output voltage drops
below the threshold, the OVP comparator is disengaged.
This OVP scheme provides a ‘soft’ crowbar function which
helps to tackle severe load transients and does not invert the
output voltage when activated -- a common problem for OVP
schemes with a latch.
R
OCSET
11.2V
R
CS
100
Ω
+
()
I
OC
R
DS ON
()
------------------------------------------------------------
=
FIGURE 6. OVERCURRENT PROTECTION WAVEFORMS
3
1
2
SHUTDOWN
IL
VOUT
Ch3 1.0A
Ω
Ch2 100mV
M 10.0
μs
Ch1 5.0V
PGOOD
8 CLK
ISL6444


Similar Part No. - ISL6444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6444 INTERSIL-ISL6444 Datasheet
440Kb / 18P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
logo
Renesas Technology Corp
ISL6444 RENESAS-ISL6444 Datasheet
944Kb / 19P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
logo
Intersil Corporation
ISL6444CA INTERSIL-ISL6444CA Datasheet
440Kb / 18P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
logo
Renesas Technology Corp
ISL6444CA RENESAS-ISL6444CA Datasheet
944Kb / 19P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
logo
Intersil Corporation
ISL6444CA-T INTERSIL-ISL6444CA-T Datasheet
440Kb / 18P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
More results

Similar Description - ISL6444

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6444 RENESAS-ISL6444 Datasheet
944Kb / 19P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
logo
Intersil Corporation
ISL6444 INTERSIL-ISL6444 Datasheet
440Kb / 18P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6539 INTERSIL-ISL6539 Datasheet
510Kb / 20P
   Wide Input Range Dual PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6539 RENESAS-ISL6539 Datasheet
933Kb / 20P
   Wide Input Range Dual PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com