Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6522CR Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6522CR
Description  Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6522CR Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6522CR Datasheet HTML 1Page - Intersil Corporation ISL6522CR Datasheet HTML 2Page - Intersil Corporation ISL6522CR Datasheet HTML 3Page - Intersil Corporation ISL6522CR Datasheet HTML 4Page - Intersil Corporation ISL6522CR Datasheet HTML 5Page - Intersil Corporation ISL6522CR Datasheet HTML 6Page - Intersil Corporation ISL6522CR Datasheet HTML 7Page - Intersil Corporation ISL6522CR Datasheet HTML 8Page - Intersil Corporation ISL6522CR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN9030.8
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001, 2002, 2004-2006. All Rights Reserved
PowerPC® is a trademark of IBM. AlphaPC™ is a trademark of Digital Equipment Corporation. Pentium® is a registered trademark of Intel Corporation.
ISL6522
Buck and Synchronous Rectifier
Pulse-Width Modulator (PWM) Controller
The ISL6522 provides complete control and protection for a
DC-DC converter optimized for high-performance micro-
processor applications. It is designed to drive two N-Channel
MOSFETs in a synchronous rectified buck topology. The
ISL6522 integrates all of the control, output adjustment,
monitoring and protection functions into a single package.
The output voltage of the converter can be precisely
regulated to as low as 0.8V, with a maximum tolerance of
±1% over temperature and line voltage variations.
The ISL6522 provides simple, single feedback loop, voltage-
mode control with fast transient response. It includes a
200kHz free-running triangle-wave oscillator that is
adjustable from below 50kHz to over 1MHz. The error
amplifier features a 15MHz gain-bandwidth product and
6V/
µs slew rate which enables high converter bandwidth for
fast transient performance. The resulting PWM duty ratio
ranges from 0–100%.
The ISL6522 protects against overcurrent conditions by
inhibiting PWM operation. The ISL6522 monitors the current
by using the rDS(ON) of the upper MOSFET which eliminates
the need for a current sensing resistor.
Pinouts
SOIC, TSSOP
TOP VIEW
QFN
TOP VIEW
Features
• Drives two N-Channel MOSFETs
• Operates from +5V or +12V input
• Simple single-loop control design
- Voltage-mode PWM control
• Fast transient response
- High-bandwidth error amplifier
- Full 0–100% duty ratio
• Excellent output voltage regulation
- 0.8V internal reference
-
±1% over line voltage and temperature
• Overcurrent fault monitor
- Does not require extra current sensing element
- Uses MOSFETs rDS(ON)
• Converter can source and sink current
• Small converter size
- Constant frequency operation
- 200kHz free-running oscillator programmable from
50kHz to over 1MHz
• 14-lead SOIC and TSSOP package and 16-lead 5x5mm
QFN Package
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat
No Leads-Product Outline.
- Near Chip-Scale Package Footprint; Improves PCB
Efficiency and Thinner in Profile
• Pb-free plus anneal available (RoHS compliant)
Applications
• Power supply for Pentium®, Pentium Pro, PowerPC® and
AlphaPC™ microprocessors
• High-power 5V to 3.xV DC-DC regulators
• Low-voltage distributed power supplies
8
9
10
11
12
13
14
7
6
5
4
3
2
1
OCSET
SS
EN
COMP
FB
RT
VCC
LGATE
PGND
BOOT
UGATE
PHASE
GND
PVCC
1
3
4
15
SS
COMP
FB
EN
16
14
13
2
12
10
9
11
6
57
8
PVCC
LGATE
PGND
BOOT
GND
Data Sheet
March 10, 2006
FOR
NEW
DES
IGN
S, IN
TER
SIL
REC
OMM
END
S
DRO
P-IN
ENH
ANC
ED P
ROD
UCT
- ISL
6535


Similar Part No. - ISL6522CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6522CR INTERSIL-ISL6522CR Datasheet
473Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522CR RENESAS-ISL6522CR Datasheet
828Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522CR-T INTERSIL-ISL6522CR-T Datasheet
473Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522CRZ INTERSIL-ISL6522CRZ Datasheet
473Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522CRZ RENESAS-ISL6522CRZ Datasheet
828Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6522CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com