Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6412IRZ-TK Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6412IRZ-TK
Description  Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6412IRZ-TK Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6412IRZ-TK Datasheet HTML 2Page - Intersil Corporation ISL6412IRZ-TK Datasheet HTML 3Page - Intersil Corporation ISL6412IRZ-TK Datasheet HTML 4Page - Intersil Corporation ISL6412IRZ-TK Datasheet HTML 5Page - Intersil Corporation ISL6412IRZ-TK Datasheet HTML 6Page - Intersil Corporation ISL6412IRZ-TK Datasheet HTML 7Page - Intersil Corporation ISL6412IRZ-TK Datasheet HTML 8Page - Intersil Corporation ISL6412IRZ-TK Datasheet HTML 9Page - Intersil Corporation ISL6412IRZ-TK Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN9067.1
March 20, 2007
ISL6412
Quad Flat No-Lead Plastic Package (QFN)
Micro Lead Frame Plastic Package (MLFP)
L16.4x4
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
(COMPLIANT TO JEDEC MO-220-VGGC ISSUE C)
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.80
0.90
1.00
-
A1
-
-
0.05
-
A2
-
-
1.00
9
A3
0.20 REF
9
b
0.23
0.28
0.35
5, 8
D
4.00 BSC
-
D1
3.75 BSC
9
D2
1.95
2.10
2.25
7, 8
E
4.00 BSC
-
E1
3.75 BSC
9
E2
1.95
2.10
2.25
7, 8
e
0.65 BSC
-
k0.25
-
-
-
L
0.50
0.60
0.75
8
L1
-
-
0.15
10
N16
2
Nd
4
3
Ne
4
3
P-
-
0.60
9
θ
--
12
9
Rev. 5 5/04
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd and Ne refer to the number of terminals on each D and E.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land Pattern
Design efforts, see Intersil Technical Brief TB389.
9. Features and dimensions A2, A3, D1, E1, P &
θ are present when
Anvil singulation method is used and not present for saw
singulation.
10. Depending on the method of lead termination at the edge of the
package, a maximum 0.15mm pull back (L1) maybe present. L
minus L1 to be equal to or greater than 0.3mm.


Similar Part No. - ISL6412IRZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6412IRZ-TK INTERSIL-ISL6412IRZ-TK Datasheet
182Kb / 10P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Renesas Technology Corp
ISL6412IRZ-TK RENESAS-ISL6412IRZ-TK Datasheet
540Kb / 11P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
More results

Similar Description - ISL6412IRZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6412 INTERSIL-ISL6412 Datasheet
182Kb / 10P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414 INTERSIL-ISL6414 Datasheet
368Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Renesas Technology Corp
ISL6414 RENESAS-ISL6414 Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6411 RENESAS-ISL6411 Datasheet
609Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Nov 24, 2003
ISL6412 RENESAS-ISL6412 Datasheet
540Kb / 11P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6416 RENESAS-ISL6416 Datasheet
504Kb / 11P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Intersil Corporation
ISL6416 INTERSIL-ISL6416 Datasheet
160Kb / 3P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6411 INTERSIL-ISL6411 Datasheet
256Kb / 4P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
   LDO Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com