Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40434S14-B Datasheet(PDF) 7 Page - Intersil Corporation

Part # X40434S14-B
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40434S14-B Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X40434S14-B Datasheet HTML 3Page - Intersil Corporation X40434S14-B Datasheet HTML 4Page - Intersil Corporation X40434S14-B Datasheet HTML 5Page - Intersil Corporation X40434S14-B Datasheet HTML 6Page - Intersil Corporation X40434S14-B Datasheet HTML 7Page - Intersil Corporation X40434S14-B Datasheet HTML 8Page - Intersil Corporation X40434S14-B Datasheet HTML 9Page - Intersil Corporation X40434S14-B Datasheet HTML 10Page - Intersil Corporation X40434S14-B Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
FN8251.1
May 24, 2006
PRINCIPLES OF OPERATION
Power-on Reset
Applying power to the X40430, X40431, X40434,
X40435 activates a Power-on Reset Circuit that pulls
the RESET/RESET pins active. This signal provides
several benefits.
– It prevents the system microprocessor from starting
to operate with insufficient voltage.
– It prevents the processor from operating prior to sta-
bilization of the oscillator.
– It allows time for an FPGA to download its configura-
tion prior to initialization of the circuit.
– It prevents communication to the EEPROM, greatly
reducing the likelihood of data corruption on power-up.
When VCC exceeds the device VTRIP1 threshold value
for tPURST (selectable) the circuit releases the RESET
(X40431, X40435) and RESET (X40430, X40434) pin
allowing the system to begin operation.
Figure 1. Connecting a Manual Reset Push-Button
Manual Reset
By connecting a push-button directly from MR to ground,
the designer adds manual system reset capability. The
MR pin is LOW while the push-button is closed and
RESET/RESET pin remains HIGH/LOW until the push-
button is released and for tPURST thereafter.
Low Voltage VCC (V1 Monitoring)
During operation, the X40430, X40431, X40434,
X40435
monitors
the
VCC level and asserts
RESET/RESET if supply voltage falls below a preset
minimum VTRIP1. The RESET/RESET signal prevents
the microprocessor from operating in a power fail or
brownout condition. The RESET/RESET signal remains
active until the voltage drops below 1V. It also remains
active until VCC returns and exceeds VTRIP1 for tPURST.
Low Voltage V2 Monitoring
The X40430 also monitors a second voltage level and
asserts V2FAIL if the voltage falls below a preset mini-
mum VTRIP2. The V2FAIL signal is either ORed with
RESET to prevent the microprocessor from operating
in a power fail or brownout condition or used to inter-
rupt the microprocessor with notification of an impend-
ing power failure.
For the X40430 and X40431 the V2FAIL signal
remains active until the V2MON drops below 1V
(V2MON falling). It also remains active until V2MON
returns and exceeds VTRIP2. This voltage sense cir-
cuitry monitors the power supply connected to V2MON
pin. If VCC = 0, V2MON can still be monitored.
For the X40434 and X40435, the V2FAIL signal
remains active until VCC drops below 1V and remains
active until V2MON returns and exceeds VTRIP2. This
sense circuitry is powered by VCC. If VCC = 0, V2MON
cannot be monitored.
Low Voltage V3 Monitoring
The X40430, X40431, X40434, X40435 also monitors
a third voltage level and asserts V3FAIL if the voltage
falls below a preset minimum VTRIP3. The V3FAIL sig-
nal is either ORed with RESET to prevent the micro-
processor from operating in a power fail or brownout
condition or used to interrupt the microprocessor with
notification of an impending power failure. The V3FAIL
signal remains active until the V3MON drops below 1V
(V3MON falling). It also remains active until V3MON
returns and exceeds VTRIP3.
This voltage sense circuitry monitors the power supply
connected to V3MON pin. If VCC = 0, V3MON can still
be monitored.
Early Low VCC Detection (LOWLINE)
This
CMOS
output
goes
LOW
earlier
than
RESET/RESET whenever VCC falls below the VTRIP1
voltage and returns high when VCC exceeds the
VTRIP1 voltage. There is no power-up delay circuitry
(tPURST) on this pin.
VCC
MR
System
Reset
Manual
Reset
X40430, X40434
RESET
X40430, X40431, X40434, X40435


Similar Part No. - X40434S14-B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40434S14-B INTERSIL-X40434S14-B Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40434S14-B RENESAS-X40434S14-B Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
More results

Similar Description - X40434S14-B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com