Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS3818 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FMS3818
Description  Triple Video D/A Converters 3 x 8 bit, 180 Ms/s
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS3818 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FMS3818 Datasheet HTML 1Page - Fairchild Semiconductor FMS3818 Datasheet HTML 2Page - Fairchild Semiconductor FMS3818 Datasheet HTML 3Page - Fairchild Semiconductor FMS3818 Datasheet HTML 4Page - Fairchild Semiconductor FMS3818 Datasheet HTML 5Page - Fairchild Semiconductor FMS3818 Datasheet HTML 6Page - Fairchild Semiconductor FMS3818 Datasheet HTML 7Page - Fairchild Semiconductor FMS3818 Datasheet HTML 8Page - Fairchild Semiconductor FMS3818 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FMS3818
DATA SHEET
4
REV. 1.2.3 December 2004
Pin Descriptions
Pin
Name
Pin Number
Value
Pin Function Description
Clock and Data Inputs
CLK
26
CMOS
Clock Input. Pixel data is registered on the rising edge of CLK. CLK
should be driven by a dedicated buffer to avoid reflection induced jitter,
overshoot, and undershoot.
R7-0
G7-0
B7-0
47-40
9-2
23-16
CMOS
Red, Green, and Blue Pixel Data Inputs. RGB digital inputs are
registered on the rising edge of CLK.
Controls
SYNC
11
CMOS
Sync Pulse Input. Bringing SYNC LOW, disables a current source which
superimposes a sync pulse on the IOG output. SYNC and pixel data are
registered on the rising edge of CLK. SYNC does not override any other
data and should be used only during the blanking interval. If sync pulses
are not required, SYNC should be connected to GND.
BLANK
10
CMOS
Blanking Input. When BLANK is LOW, pixel data inputs are ignored and
the D/A converter outputs are driven to the blanking level. BLANK is
registered on the rising edge of CLK.
Video Outputs
IOR
IOG
IOB
33
32
29
0.700 Vp-p
Red, Green, and Blue Current Outputs. Current source outputs can
drive VESA VSIS, and RS-343A/SMPTE-170M compatible levels into
doubly-terminated 75 Ohm lines. Sync pulses can be added to the green
output. When SYNC is HIGH, the current added to IOG is:
IOS = 2.33 (VREF / RREF)
Voltage Reference
VREF
35
+1.25 V
Voltage Reference Input/Output. Internal 1.25V voltage reference is
available on this pin. An external +1.25 Volt reference may be applied to
this pin to override the internal reference. Decoupling VREF to GND with
a 0.1µF ceramic capacitor is required.
RREF
36
348
Current-set Resistor Node. Full-scale output current of each D/A
converter is determined by the value of the resistor connected between
RREF and GND. Nominal value of RREF is found from:
RREF = 5.31 (VREF/IFS)
where IFS is the full-scale output current (amps) from the
D/A converter (without sync). Sync is 0.439 IFS.
D/A full-scale current may also be calculated from:
IFS = VFS/RL
Where VFS is the full-scale voltage level and RL is the total resistive load
(ohms) on each D/A converter.
COMP
34
0.1 µF
Compensation Capacitor Node. A 0.1 µF ceramic capacitor must be
connected between COMP and VDD to stabilize internal bias circuitry.


Similar Part No. - FMS3818

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3818 FAIRCHILD-FMS3818 Datasheet
178Kb / 13P
   Triple Video D/A Converter 3 x 8 bit, 180 Ms/s
FMS3818 FAIRCHILD-FMS3818 Datasheet
66Kb / 4P
   PCB Layout Considerations for Video Filter / Drivers
FMS3818KRC FAIRCHILD-FMS3818KRC Datasheet
178Kb / 13P
   Triple Video D/A Converter 3 x 8 bit, 180 Ms/s
More results

Similar Description - FMS3818

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3818 FAIRCHILD-FMS3818 Datasheet
178Kb / 13P
   Triple Video D/A Converter 3 x 8 bit, 180 Ms/s
FMS3810 FAIRCHILD-FMS3810 Datasheet
168Kb / 11P
   Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
FMS3110 FAIRCHILD-FMS3110_04 Datasheet
478Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
FMS3110 FAIRCHILD-FMS3110 Datasheet
170Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
FMS9884A FAIRCHILD-FMS9884A Datasheet
238Kb / 29P
   3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
logo
Cadeka Microcircuits LL...
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Sanyo Semicon Device
LC89066 SANYO-LC89066 Datasheet
51Kb / 4P
   6-Bit Video A/D Converters
LC89060 SANYO-LC89060 Datasheet
94Kb / 5P
   6-Bit Video D/A Converters
logo
Fairchild Semiconductor
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com